Electronic Components Datasheet Search
  English  ▼

X  

AMD-K6 Datasheet(PDF) 239 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 239 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 235Page - Advanced Micro Devices AMD-K6 Datasheet HTML 236Page - Advanced Micro Devices AMD-K6 Datasheet HTML 237Page - Advanced Micro Devices AMD-K6 Datasheet HTML 238Page - Advanced Micro Devices AMD-K6 Datasheet HTML 239Page - Advanced Micro Devices AMD-K6 Datasheet HTML 240Page - Advanced Micro Devices AMD-K6 Datasheet HTML 241Page - Advanced Micro Devices AMD-K6 Datasheet HTML 242Page - Advanced Micro Devices AMD-K6 Datasheet HTML 243Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 346 page
background image
Chapter 11
Test and Debug
221
20695H/0—March 1998
AMD-K6® Processor Data Sheet
Preliminary Information
The LE (bit 8) and GE (bit 9) bits in DR7 have no effect on the
operation of the processor and are provided in order to be
software co mpatible with prev ious gene ratio ns of x86
processors.
When set to 1, the GD bit in DR7 (bit 13) enables the debug
exception associated with the BD bit (bit 13) in DR6. This bit is
set to 0 when a debug exception is generated.
LEN3–LEN0 and RW3–RW0 are two-bit fields in DR7 that
specify the length and type of each breakpoint as defined in
Table 41.
Debug Exceptions
A debug exception is categorized as either a debug trap or a
debug fault. A debug trap calls the debugger following the
execution of the instruction that caused the trap. A debug fault
calls the debugger prior to the execution of the instruction that
caused the fault. All debug traps and faults generate either an
Interrupt 01h or an Interrupt 03h exception.
Table 41. DR7 LEN and RW Definitions
LEN Bits1
RW Bits
Breakpoint
00b
00b2
Instruction Execution
00b
01b
One-byte Data Write
01b
Two-byte Data Write
11b
Four-byte Data Write
00b
10b3
One-byte I/O Read or Write
01b
Two-byte I/O Read or Write
11b
Four-byte I/O Read or Write
00b
11b
One-byte Data Read or Write
01b
Two-byte Data Read or Write
11b
Four-byte Data Read or Write
Notes:
1. LEN bits equal to 10b is undefined.
2. When RW equals 00b, LEN must be equal to 00b.
3. When RW equals 10b, debugging extensions (DE) must be enabled (bit 3 of CR4 must be set
to 1). If DE is set to 0, then RW equal to 10b is undefined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com