Electronic Components Datasheet Search
  English  ▼

X  

AMD-K6 Datasheet(PDF) 240 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 240 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 236Page - Advanced Micro Devices AMD-K6 Datasheet HTML 237Page - Advanced Micro Devices AMD-K6 Datasheet HTML 238Page - Advanced Micro Devices AMD-K6 Datasheet HTML 239Page - Advanced Micro Devices AMD-K6 Datasheet HTML 240Page - Advanced Micro Devices AMD-K6 Datasheet HTML 241Page - Advanced Micro Devices AMD-K6 Datasheet HTML 242Page - Advanced Micro Devices AMD-K6 Datasheet HTML 243Page - Advanced Micro Devices AMD-K6 Datasheet HTML 244Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 346 page
background image
222
Test and Debug
Chapter 11
AMD-K6® Processor Data Sheet
20695H/0—March 1998
Preliminary Information
Interrupt 01h. The following events are considered debug traps
that ca use the processor to generate an Interrupt 01h
exception:
s
Enabled breakpoints for data and I/O cycles
s
Single Step Trap
s
Task Switch Trap
The following events are considered debug faults that cause
the processor to generate an Interrupt 01h exception:
s
Enabled breakpoints for instruction execution
s
BD bit in DR6 set to 1
Interrupt 03h. The INT 3 instruction is defined in the x86
architecture as a breakpoint instruction. This instruction
causes the processor to generate an Interrupt 03h exception.
This exception is a debug trap because the debugger is called
following the execution of the INT 3 instruction.
The INT 3 instruction is a one-byte instruction (opcode CCh)
typically used to insert a breakpoint in software by writing
CCh to the address of the first byte of the instruction to be
trapped (the target instruction). Following the trap, if the
target instruction is to be executed, the debugger must replace
the IN T 3 instruction with the first byte of the target
instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com