Electronic Components Datasheet Search
  English  ▼

X  

AMD-K6 Datasheet(PDF) 241 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 241 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 237Page - Advanced Micro Devices AMD-K6 Datasheet HTML 238Page - Advanced Micro Devices AMD-K6 Datasheet HTML 239Page - Advanced Micro Devices AMD-K6 Datasheet HTML 240Page - Advanced Micro Devices AMD-K6 Datasheet HTML 241Page - Advanced Micro Devices AMD-K6 Datasheet HTML 242Page - Advanced Micro Devices AMD-K6 Datasheet HTML 243Page - Advanced Micro Devices AMD-K6 Datasheet HTML 244Page - Advanced Micro Devices AMD-K6 Datasheet HTML 245Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 346 page
background image
Chapter 12
Clock Control
223
20695H/0—March 1998
AMD-K6® Processor Data Sheet
Preliminary Information
12
Clock Control
The AMD-K6 processor supports five modes of clock control.
The processor can transition between these modes to maximize
performance, to minimize power dissipation, or to provide a
balance between performance and power. (See “Power
Dissipation” on page 235 for the maximum power dissipation of
the AMD-K6 processor within the normal and reduced-power
states.)
The five clock-control states supported are as follows:
s
Normal State: The processor is running in Real Mode,
Virtual-8086 Mode, Protected Mode, or System Management
Mode (SMM). In this state, all clocks are running—including
the external bus clock CLK and the internal processor
clock—and the full features and functions of the processor
are available.
s
Halt State: This low-power state is entered following the
successful execution of the HLT instruction. During this
state, the internal processor clock is stopped.
s
Stop Grant State: This low-power state is entered following
the recognition of the assertion of the STPCLK# signal.
During this state, the internal processor clock is stopped.
s
Stop Grant Inquire State: This state is entered from the Halt
state and the Stop Grant state as the result of a
system-initiated inquire cycle.
s
Stop Clock State: This low-power state is entered from the
Stop Grant state when the CLK signal is stopped.
The following sections describe each of the four low-power
states. Figure 78 on page 228 illustrates the clock control state
transitions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com