Electronic Components Datasheet Search
  English  ▼

X  

AMD-K6 Datasheet(PDF) 243 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 243 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 239Page - Advanced Micro Devices AMD-K6 Datasheet HTML 240Page - Advanced Micro Devices AMD-K6 Datasheet HTML 241Page - Advanced Micro Devices AMD-K6 Datasheet HTML 242Page - Advanced Micro Devices AMD-K6 Datasheet HTML 243Page - Advanced Micro Devices AMD-K6 Datasheet HTML 244Page - Advanced Micro Devices AMD-K6 Datasheet HTML 245Page - Advanced Micro Devices AMD-K6 Datasheet HTML 246Page - Advanced Micro Devices AMD-K6 Datasheet HTML 247Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 346 page
background image
Chapter 12
Clock Control
225
20695H/0—March 1998
AMD-K6® Processor Data Sheet
Preliminary Information
12.2
Stop Grant State
Enter Stop Grant
State
After recognizing the assertion of STPCLK#, the AMD-K6
processor flushes its instruction pipelines, completes all
pending and in-progress bus cycles, and acknowledges the
STPCLK# assertion by executing a Stop Grant special bus cycle.
After BRDY# is sampled asserted during this cycle, and then
EWBE# is also sampled asserted, the processor enters the Stop
Grant state. The Stop Grant state is like the Halt state in that
the processor disables most of its internal clock distribution in
the Stop Grant state. In order to support the following
operations, the internal PLL still runs, and some internal
resources are still clocked in the Stop Grant state:
s
Inquire cycles: The processor transitions to the Stop Grant
Inquire state during an inquire cycle. After returning to the
Stop Grant state following the inquire cycle, the processor
does not execute another Stop Grant special cycle.
s
Time Stamp Counter (TSC): The TSC continues to count in
the Stop Grant state.
s
Signal Sampling: The processor continues to sample INIT,
INTR, NMI, RESET, and SMI#.
FLUSH# is not recognized in the Stop Grant state (unlike while
in the Halt state).
Upon entering the Stop Grant state, all signals driven by the
processor retain their state as they existed following the
completion of the Stop Grant special cycle.
Exit Stop Grant State
The AMD-K6 processor remains in the Stop Grant state until it
samples STPCLK# negated or RESET asserted. If STPCLK# is
sampled negated, the processor returns to the Normal state in
less than 10 bus clock (CLK) periods. After the transition to the
Norm al state, the processor re su mes executio n at the
instruction boundary on which STPCLK# wa s initially
recognized.
If STPCLK# is recognized as negated in the Stop Grant state
and subsequently sampled asserted prior to returning to the
Normal state, the AMD-K6 processor guarantees that a
minimum of one instruction is executed prior to re-entering the
Stop Grant state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com