Electronic Components Datasheet Search
  English  ▼

X  

AMD-K6 Datasheet(PDF) 247 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 247 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 243Page - Advanced Micro Devices AMD-K6 Datasheet HTML 244Page - Advanced Micro Devices AMD-K6 Datasheet HTML 245Page - Advanced Micro Devices AMD-K6 Datasheet HTML 246Page - Advanced Micro Devices AMD-K6 Datasheet HTML 247Page - Advanced Micro Devices AMD-K6 Datasheet HTML 248Page - Advanced Micro Devices AMD-K6 Datasheet HTML 249Page - Advanced Micro Devices AMD-K6 Datasheet HTML 250Page - Advanced Micro Devices AMD-K6 Datasheet HTML 251Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 346 page
background image
Chapter 13
Power and Grounding
229
20695H/0—March 1998
AMD-K6® Processor Data Sheet
Preliminary Information
13
Power and Grounding
13.1
Power Connections
The AMD-K6 processor is a dual voltage device. Two separate
supply voltages are required: V
CC2 and VCC3. VCC2 provides the
core voltage for the processor and V
CC3 provides the I/O voltage.
See “Electrical Data” on page 233 for the value and range of V
CC2
and V
CC3.
There are 28 V
CC2, 32 VCC3, and 68 VSS pins on the AMD-K6
processor. (See “Pin Designations” on page 269 for all power
and ground pin designations.) The large number of power and
ground pins are provided to ensure that the processor and
package maintain a clean and stable power distribution
network.
For proper operation and functionality, all V
CC2, VCC3, and VSS
pins must be connected to the appropriate planes in the circuit
board. The power planes have been arranged in a pattern to
simplify routing and minimize crosstalk on the circuit board.
The isolation region between two voltage planes must be at
least 0.254mm if they are in the same layer of the circuit board.
(See Fi gure 79 o n pa ge 2 30.) In o rder to ma intai n a
low-impedance current sink and reference, the ground plane
must never be split.
Although the AMD-K6 has two separate supply voltages, there
are no special power sequencing requirements. The best
procedure is to minimize the time between which V
CC2 and VCC3
are either both on or both off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com