Electronic Components Datasheet Search
  English  ▼

X  

AMD-K6 Datasheet(PDF) 249 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 249 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 245Page - Advanced Micro Devices AMD-K6 Datasheet HTML 246Page - Advanced Micro Devices AMD-K6 Datasheet HTML 247Page - Advanced Micro Devices AMD-K6 Datasheet HTML 248Page - Advanced Micro Devices AMD-K6 Datasheet HTML 249Page - Advanced Micro Devices AMD-K6 Datasheet HTML 250Page - Advanced Micro Devices AMD-K6 Datasheet HTML 251Page - Advanced Micro Devices AMD-K6 Datasheet HTML 252Page - Advanced Micro Devices AMD-K6 Datasheet HTML 253Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 346 page
background image
Chapter 13
Power and Grounding
231
20695H/0—March 1998
AMD-K6® Processor Data Sheet
Preliminary Information
13.3
Pin Connection Requirements
For proper operation, the following requirements for signal pin
connections must be met:
s
Do not drive address and data signals into large capacitive
loads at high frequencies. If necessary, use buffer chips to
drive large capacitive loads.
s
Leave all NC (no-connect) pins unconnected.
s
Unused
inputs
should
always
be
connected
to
an
appropriate signal level.
•
Active Low inputs that are not being used should be
connected to V
CC3 through a 20k-Ω pullup resistor.
•
Active High inputs that are not being used should be
connected to GND through a pulldown resistor.
s
Reserved signals can be treated in one of the following ways:
•
As no-connect (NC) pins, in which case these pins are left
unconnected
•
As pins connected to the system logic as defined by the
industry-standard Pentium interface (Socket 7)
•
Any combination of NC and Socket 7 pins
s
Keep trace lengths to a minimum.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com