Electronic Components Datasheet Search
  English  ▼

X  

AMD-K6 Datasheet(PDF) 252 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 252 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 248Page - Advanced Micro Devices AMD-K6 Datasheet HTML 249Page - Advanced Micro Devices AMD-K6 Datasheet HTML 250Page - Advanced Micro Devices AMD-K6 Datasheet HTML 251Page - Advanced Micro Devices AMD-K6 Datasheet HTML 252Page - Advanced Micro Devices AMD-K6 Datasheet HTML 253Page - Advanced Micro Devices AMD-K6 Datasheet HTML 254Page - Advanced Micro Devices AMD-K6 Datasheet HTML 255Page - Advanced Micro Devices AMD-K6 Datasheet HTML 256Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 346 page
background image
234
Electrical Data
Chapter 14
AMD-K6® Processor Data Sheet
20695H/0—March 1998
Preliminary Information
14.3
DC Characteristics
The DC characteristics of the AMD-K6 processor are shown in
Table 44.
Table 44. DC Characteristics
Symbol
Parameter Description
Preliminary Data
Comments
Min
Max
VIL
Input Low Voltage
– 0.3 V
+0.8 V
VIH
Input High Voltage
2.0 V
VCC3+0.3 V
Note 1
VOL
Output Low Voltage
0.4 V
IOL = 4.0-mA load
VOH
Output High Voltage
2.4 V
IOH = 3.0-mA load
ICC2
2.9 V Power Supply Current
6.25 A
166 MHz, Note 2
7.50 A
200 MHz, Note 2
ICC2
3.2 V Power Supply Current
9.50 A
233 MHz, Note 3
ICC3
3.3 V Power Supply Current
0.48 A
166 MHz, Note 4
0.50 A
200 MHz, Note 4
0.52 A
233 MHz, Note 4
ILI
Input Leakage Current
±15 µANote 5
ILO
Output Leakage Current
±15 µANote 5
IIL
Input Leakage Current Bias with Pullup
–400
µANote 6
IIH
Input Leakage Current Bias with Pulldown
200
µANote 7
CIN
Input Capacitance
15 pF
COUT
Output Capacitance
20 pF
COUT
I/O Capacitance
25 pF
CCLK
CLK Capacitance
15 pF
CTIN
Test Input Capacitance (TDI, TMS, TRST#)
15 pF
CTOUT
Test Output Capacitance (TDO)
20 pF
CTCK
TCK Capacitance
15 pF
Notes:
1. VCC3 refers to the voltage being applied to VCC3 during functional operation.
2. VCC2 = 3.045 V — The maximum power supply current must be taken into account when designing a power supply.
3. VCC2 = 3.3 V — The maximum power supply current must be taken into account when designing a power supply.
4. VCC3 = 3.6 V — The maximum power supply current must be taken into account when designing a power supply.
5. Refers to inputs and I/O without an internal pullup resistor and 0
≤ V
IN ≤ VCC3.
6. Refers to inputs with an internal pullup and VIL = 0.4V.
7. Refers to inputs with an internal pulldown and VIH = 2.4V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com