Electronic Components Datasheet Search
  English  ▼

X  

AMD-K6 Datasheet(PDF) 256 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 256 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 252Page - Advanced Micro Devices AMD-K6 Datasheet HTML 253Page - Advanced Micro Devices AMD-K6 Datasheet HTML 254Page - Advanced Micro Devices AMD-K6 Datasheet HTML 255Page - Advanced Micro Devices AMD-K6 Datasheet HTML 256Page - Advanced Micro Devices AMD-K6 Datasheet HTML 257Page - Advanced Micro Devices AMD-K6 Datasheet HTML 258Page - Advanced Micro Devices AMD-K6 Datasheet HTML 259Page - Advanced Micro Devices AMD-K6 Datasheet HTML 260Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 346 page
background image
238
I/O Buffer Characteristics
Chapter 15
AMD-K6® Processor Data Sheet
20695H/0—March 1998
Preliminary Information
15.2
I/O Buffer Model
AMD provides models of the AMD-K6 processor I/O buffers for
system designers to use in board-level simulations. These I/O
buf fer m o dels c o nform to the I/O Buffer Informat ion
Specification (IBIS), Version 2.1. The Standard I/O Model uses
K6STD, the standard I/O buffer representation, for all I/O
buffers. The Strong I/O Model uses K6STG, the stronger I/O
buffer representation for A[20:3], ADS#, HITM#, and W/R#,
and uses K6STD for the remainder of the I/O buffers.
Both I/O models contain voltage versus current (V/I) and
voltage versus time (V/T) data tables for accurate modeling of
I/O buffer behavior.
The following list characterizes the properties of each I/O
buffer model:
s
All data tables contain minimum, typical, and maximum
values to allow for worst-case, typical, and best-case
simulations, respectively.
s
The pullup, pulldown, power clamp, and ground clamp
device V/I tables contain enough data points to accurately
represent the nonlinear nature of the V/I curves. In addition,
the voltage ranges provided in these tables extend beyond
the normal operating range of the AMD-K6 processor for
those simulators that yield more accurate results based on
this wider range. Figure 80 and Figure 81 on page 239
illustrate the min/typ/max pulldown and pullup V/I curves
for K6STD between 0V and 3.3V.
s
The rising and falling ramp rates are specified.
s
The min/typ/max VCC3 operating range is specified as
3.135V, 3.3V, and 3.6V, respectively.
s
Vil = 0.8V, Vih = 2.0V, and Vmeas = 1.5V
s
The R/L/C of the package is modeled.
s
The capacitance of the silicon die is modeled.
s
The model assumes the test load is 0 capacitance, resistance,
inductance, and voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com