Electronic Components Datasheet Search
  English  ▼

X  

AMD-K6 Datasheet(PDF) 253 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 253 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 249Page - Advanced Micro Devices AMD-K6 Datasheet HTML 250Page - Advanced Micro Devices AMD-K6 Datasheet HTML 251Page - Advanced Micro Devices AMD-K6 Datasheet HTML 252Page - Advanced Micro Devices AMD-K6 Datasheet HTML 253Page - Advanced Micro Devices AMD-K6 Datasheet HTML 254Page - Advanced Micro Devices AMD-K6 Datasheet HTML 255Page - Advanced Micro Devices AMD-K6 Datasheet HTML 256Page - Advanced Micro Devices AMD-K6 Datasheet HTML 257Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 346 page
background image
Chapter 14
Electrical Data
235
20695H/0—March 1998
AMD-K6® Processor Data Sheet
Preliminary Information
14.4
Power Dissipation
Table 45 contains the typical and maximum power dissipation
of the AMD-K6 processor during normal and reduced power
states.
Table 45. Typical and Maximum Power Dissipation
Clock Control State
2.9 V Component
3.2 V Component
Comments
166 MHz
200 MHz
233 MHz
Normal (Maximum Thermal Power)
17.2 W
20.0 W
28.3 W
Note 1, 2
Normal (Typical Thermal Power)
10.3 W
12.0 W
17.0 W
Note 3
Stop Grant / Halt (Maximum)
1.45 W
1.53 W
1.75 W
Note 4
Stop Clock (Maximum)
1.0 W
1.0 W
1.0 W
Note 5
Notes:
1. The maximum power dissipated in the normal clock control state must be taken into account when designing a
solution for thermal dissipation for the AMD-K6 processor.
2. Maximum power is determined for the worst-case instruction sequence or function for the listed clock control states
with VCC2 = 2.9 V (for the 2.9 V component) or VCC2 = 3.2 V (for the 3.2 V component), and VCC3 = 3.3 V.
3. Typical power is determined for the typical instruction sequences or functions associated with normal system
operation with VCC2 = 2.9 V (for the 2.9 V component) or VCC2 = 3.2 V (for the 3.2 V component), and VCC3 = 3.3 V.
4. The CLK signal and the internal PLL are still running but most internal clocking has stopped.
5. The CLK signal, the internal PLL, and all internal clocking has stopped.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com