Electronic Components Datasheet Search
  English  ▼

X  

AMD-K6 Datasheet(PDF) 255 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 255 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 251Page - Advanced Micro Devices AMD-K6 Datasheet HTML 252Page - Advanced Micro Devices AMD-K6 Datasheet HTML 253Page - Advanced Micro Devices AMD-K6 Datasheet HTML 254Page - Advanced Micro Devices AMD-K6 Datasheet HTML 255Page - Advanced Micro Devices AMD-K6 Datasheet HTML 256Page - Advanced Micro Devices AMD-K6 Datasheet HTML 257Page - Advanced Micro Devices AMD-K6 Datasheet HTML 258Page - Advanced Micro Devices AMD-K6 Datasheet HTML 259Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 346 page
background image
Chapter 15
I/O Buffer Characteristics
237
20695H/0—March 1998
AMD-K6® Processor Data Sheet
Preliminary Information
15
I/O Buffer Characteristics
All of the AMD-K6 processor inputs, outputs, and bidirectional
buffers are implemented using a 3.3 V buffer design. In
addition, a subset of the processor I/O buffers include a second,
higher drive strength option. These buffers can be configured to
provide the higher drive strength for applications that place a
heavier load on these I/O signals.
AMD has developed two I/O buffer models that represent the
characteristics of each of the two possible drive strength
configurations supported by the AMD-K6. These two models are
called the Standard I/O Model and the Strong I/O Model.
AMD developed the two models to allow system designers to
perform analog simulations of AMD-K6 signals that interface
with the system logic. Analog simulations are used to determine
a signal’s time of flight from source to destination and to ensure
that the system’s signal quality requirements are met. Signal
quality measurements include overshoot, undershoot, slope
reversal, and ringing.
15.1
Selectable Drive Strength
The AMD-K6 processor samples the BRDYC# input during the
falling transition of RESET to configure the drive strength of
A[20:3], ADS#, HITM# and W/R#. If BRDYC# is 0 during the fall
of RESET, these particular outputs are configured using the
higher drive strength. If BRDYC# is 1 during the fall of RESET,
the standard drive strength is selected for all I/O buffers.
Table 46 shows the relationship between BRDYC# and the two
available drive strengths — K6STD and K6STG.
Table 46. A[20:3], ADS#, HITM#, and W/R# Strength Selection
Drive Strength
BRDYC#
I/O Buffer Name
Strength 1 (standard)
1
K6STD
Strength 2 (strong)
0
K6STG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com