Electronic Components Datasheet Search
  English  ▼

X  

S18SP6LP Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # S18SP6LP
Description  Universal photoelectric family offers 18 mm threaded lens or side mounts
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S18SP6LP Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button S18SP6LP Datasheet HTML 7Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 8Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 9Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 10Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 11Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 12Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 13Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 14Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
Compact Sensors
MINI-BEAM
® Series
75
More information online at
bannerengineering.com
MINI-BEAM
®
Broad Family of Compact
Sensors
• Models are available for ac, dc, or ac/dc universal voltage
operation.
• Available models include opposed, opposed clear plastic
detection, diffuse and divergent diffuse, polarized and non-
polarized retroreflective, convergent, glass and plastic fiber optic.
• Convergent and fiber optic models offer infrared or visible
red, blue, white, or green LED light source; select a color
based on the application.
• SME312 Expert
™
models offer easy, push-button TEACH-
mode setup.
• MIAD9 series NAMUR models are for hazardous
environments with approved switching amplifiers having
intrinsically safe input circuits.
• MINI-BEAM models detect clear plastic;
MINI-BEAM Expert models detect clear objects.
DC Models . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Page 76
AC Models . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .78
Expert Models. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .81
Universal Voltage Models . . . . . . . . . . . . . . . . . . . . . . . . . .84
NAMUR Models . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .86
Signal strength output indicator
10 to 30V dc with bipolar
NPN/PNP outputs
2 m or 9 m integral cable,
or Euro-style quick-
disconnect fitting
Optional 18 mm threaded
lens mount on some
models
Opposed, Retroreflective,
Diffuse and Convergent Models
Suffix E, R, EPD, RPD, D, LV, LP, C,
C2, CV, CV2, CVB, CV2B, CVG and CV2G
39.1 mm
12.2 mm
30.7 mm
Diffuse Models
Suffix DBZ and W
12.2 mm
30.7 mm
57.5 mm
Glass Fiber Models
Suffix F, FV, FVG and FVB
12.2 mm
30.7 mm
42.1 mm
Plastic Fiber Models
Suffix FP, FPG and FPB
MINI-BEAM
® DC Sensors
12.2 mm
30.7 mm
53.3 mm
Detailed
Dimensions
CONVERGENT
P
POLAR RETRO
RETRO
OPPOSED
OPPOSED
CLEAR PLASTIC
DIFFUSE
DIFFUSE
DIVERGENT
GLASS FIBER
PLASTIC FIBER
REFLECTORS
PAGE 391
BRACKETS
PAGE 350
QD CABLES
PAGE 380, 382 & 386
4 or 5-Pin Euro +
3-Pin Micro
P
POLAR RETRO
CLEAR PLASTIC
APERTURES
PAGE 406



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com