Electronic Components Datasheet Search
  English  ▼

X  

S18SP6LP Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # S18SP6LP
Description  Universal photoelectric family offers 18 mm threaded lens or side mounts
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S18SP6LP Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button S18SP6LP Datasheet HTML 18Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 19Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 20Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 21Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 22Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 23Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 24Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 25Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
Compact Sensors
86
More information online at
bannerengineering.com
MINI-BEAM
® NAMUR Series
12.2 mm
30.7 mm
51.8 mm
69.9 mm
12.2 mm
30.7 mm
Intrinsically safe sensors with
MINI-BEAM performance and
small size
For use with approved
switching amplifiers
with intrinsically
safe input circuits
Output 1 mA or
less in the dark and
2 mA or more in the
light
Models with integral
cable or quick-disconnect
MINI-BEAM
® NAMUR Sensors
MINI-BEAM
® NAMUR, 5-15V dc
Models
Sensing
Mode/LED*
Range
Cable**
Output
Type
Excess
Gain
Beam
Pattern
Data
Sheet
MI9E Emitter
OPPOSED
6 m
2 m
—
EGCO-14
(p. 428)
BPO-14
(p. 450)
39616
MI9EQ Emitter
4-Pin Euro QD
MIAD9R
2 m
Constant
Current
≤1.2 mA
dark
≥2.1 mA
light
MIAD9RQ
4-Pin Euro QD
MIAD9LV
RETRO
5 m
2 m
EGCR-18
(p. 432)
BPR-17
(p. 454)
MIAD9LVQ
4-Pin Euro QD
MIAD9LVAG
P
POLAR RETRO
50 mm - 2 m
2 m
EGCR-19
(p. 432)
BPR-18
(p. 454)
MIAD9LVAGQ
4-Pin Euro QD
MIAD9D
DIFFUSE
380 mm
2 m
EGCD-21
(p. 435)
BPD-20
(p. 457)
MIAD9DQ
4-Pin Euro QD
MIAD9W
DIFFUSE
DIVERGENT
75 mm
2 m
EGCD-22
(p. 435)
BPD-21
(p. 457)
MIAD9WQ
4-Pin Euro QD
MIAD9CV
CONVERGENT
16 mm
2 m
EGCC-28
(p. 438)
BPC-28
(p. 460)
MIAD9CVQ
4-Pin Euro QD
MIAD9CV2
43 mm
2 m
EGCC-29
(p. 438)
BPC-29
(p. 460)
MIAD9CV2Q
4-Pin Euro QD
MIAD9F
GLASS FIBER
Range varies
by sensing
mode and fiber
optics used
2 m
EGCG-20
& EGCG-21
(p. 445)
BPG-20
& BPG-21
(p. 463)
MIAD9FQ
4-Pin Euro QD
Opposed, Retroreflective, Diffuse
and Convergent Models
Suffix E, R, LV, D, and CV
Diffuse Models
Suffix W
Glass Fiber Models
Suffix F
*
Infrared LED
Visible Red LED
** For 9 m cable, add suffix W/30 to the 2 m model number (example, MIAD9LV W/30). A model with a QD requires a special 4-pin Euro QD mating cable (see page 381).
†
Retroreflective range is specified using one model BRT-3 retroreflector. Actual sensing range may differ, depending on the efficiency and reflective area of the
retroreflector used. See Accessories for more information.
12.2 mm
30.7 mm
66.0 mm
Detailed
Dimensions
Download
PDF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com