Electronic Components Datasheet Search
  English  ▼

X  

S18SP6LP Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # S18SP6LP
Description  Universal photoelectric family offers 18 mm threaded lens or side mounts
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S18SP6LP Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button S18SP6LP Datasheet HTML 17Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 18Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 19Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 20Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 21Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 22Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 23Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 24Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
Compact Sensors
85
More information online at
bannerengineering.com
MINI-BEAM
® Universal Voltage Series
MINI-BEAM
® Universal Voltage, 24-240V ac or dc
Models
Sensing
Mode/LED*
Range
Cable**
Output
Type
Excess
Gain
Beam
Pattern
Data
Sheet
SMU315F
GLASS FIBER
Range varies
by sensing
mode and
fiber optics
used
2 m
SPDT
E/M Relay
EGCG-16
(p. 444) &
EGCG-17
(p. 445)
BPG-16
(p. 462) &
BPG-17
(p. 463)
55230
SMU315FV
GLASS FIBER
2 m
EGCG-18 &
EGCG-19
(p. 445)
BPG-18 &
BPG-19
(p. 463)
SMU315FP
PLASTIC FIBER
Range varies
by sensing
mode and
fiber optics
used
2 m
EGCP-12 &
EGCP-13
(p. 447)
BPP-12 &
BPP-13
(p. 465)
*
Infrared LED
Visible Red LED
** For 9 m cable, add suffix W/30 to the 2 m model number (example, SMU315F W/30).
MINI-BEAM
® Universal Voltage Specifications
Supply Voltage
Universal voltage: 24 to 240V ac, 50/60Hz or
24 to 240V dc (1.5 watts or 2.5 VA max.)
Supply Protection Circuitry
Protected against transient voltages. DC hookup is without regard to polarity.
Output Configuration
SPDT (Single-Pole, Double Throw) (form C) electromechanical relay, ON/OFF output.
Output Rating
Max. switching power (resistive load): 90W, 250VA
Max. switching voltage (resistive load): 250V ac or 30V dc
Max. switching current (resistive load): 3A
Min. voltage and current: 5V dc, 10 mA
Mechanical life: 20,000,000 operations
Electrical life at full resistive load: 100,000 operations
Output Protection Circuitry
Protected against false pulse on power-up.
Output Response Time
Closure time: 20 milliseconds max.
Release time: 20 milliseconds max.
Max. switching speed: 25 operations per second
Repeatability
All sensing modes: 1 millisecond
Adjustments
Light/Dark Operate select switch, and 15-turn slotted brass screw Gain (sensitivity) adjustment potentiometer
(clutched at both ends of travel). Both controls are located on rear panel of sensor and are protected by a gasketed,
clear acrylic cover.
Indicators
Alignment Indicator Device system (AID) lights a rear-panel-mounted LED indicator whenever the sensor sees a
“light” condition, with a superimposed pulse rate proportional to the light signal strength (the stronger the signal,
the faster the pulse rate).
Construction
Reinforced thermoplastic polyester housing, totally encapsulated, o-ring seal, acrylic lenses, and stainless steel screws.
Environmental Rating
Meets NEMA standards 1, 2, 3, 3S, 4, 4X, 6, 12, and 13; IEC IP67.
Connections
PVC-jacketed 5-conductor 2 m or 9 m unterminated cable. Opposed mode emitter cables are 2-conductor.
Operating Conditions
Temperature: -20° to +55° C
Relative humidity: 90% at 50° C (non-condensing)
Application Notes
Install transient suppressor (MOV) across contacts switching inductive loads.
Certifications
Hookup Diagrams
Emitters: UN02 (p. 487)
Other AC/DC Models: UN01 (p. 487)
(cont’d)
Download
PDF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com