Electronic Components Datasheet Search
  English  ▼

X  

S18SP6LP Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # S18SP6LP
Description  Universal photoelectric family offers 18 mm threaded lens or side mounts
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S18SP6LP Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button S18SP6LP Datasheet HTML 9Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 10Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 11Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 12Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 13Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 14Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 15Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 16Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
Compact Sensors
77
More information online at
bannerengineering.com
MINI-BEAM
® Series
MINI-BEAM
®, 10-30V dc
Models
Sensing
Mode/LED*
Range
Cable**
Output
Type
Excess
Gain
Beam
Pattern
Data
Sheet
SM312F
GLASS FIBER
Range varies
by sensing
mode
and fiber
optics used
2 m
Bipolar
NPN/PNP
EGCG-3 &
EGCG-4
(p. 444)
BPG-3 &
BPG-4
(p. 462)
03368
SM312FQD
4-Pin Euro QD
SM312FV
GLASS FIBER
2 m
EGCG-5 &
EGCG-6
(p. 444)
BPG-5 &
BPG-6
(p. 462)
03510
SM312FVQD
4-Pin Euro QD
SM312FVG
GLASS FIBER
2 m
EGCG-7
(p. 444)
BPG-7
(p. 462)
50975
SM312FVGQD
4-Pin Euro QD
SM312FVB
GLASS FIBER
2 m
EGCG-8
(p. 444)
BPG-8
(p. 462)
49290
SM312FVBQD
4-Pin Euro QD
SM312FP
PLASTIC FIBER
2 m
EGCP-3 &
EGCP-4
(p. 447)
BPP-3 &
BPP-4
(p. 465)
03370
SM312FPQD
4-Pin Euro QD
SM312FPG
PLASTIC FIBER
2 m
EGCP-5
(p. 447)
BPP-5
(p. 465)
50975
SM312FPGQD
4-Pin Euro QD
SM312FPB
PLASTIC FIBER
2 m
EGCP-6
(p. 447)
BPP-6
(p. 465)
49290
SM312FPBQD
4-Pin Euro QD
*
Infrared LED
Visible Red LED
Visible Green LED
Visible Blue LED
** For 9 m cable, add suffix W/30 to the 2 m model number (example, SM312F W/30). A model with a QD requires a mating cable (see page 380).
MINI-BEAM
® DC Specifications
Supply Voltage and Current
10 to 30V dc (10% max. ripple) at less than 25 mA (exclusive of load)
Supply Protection Circuitry
Protected against reverse polarity and transient voltages
Output Configuration
Bipolar: One current sourcing (PNP) and one current sinking (NPN) open-collector transistor; light operate (LO) or
dark operate (DO) selectable.
Output Rating
150 mA max. each output at 25° C, derated to 100 mA at 70° C (derate
≈ 1 mA per ° C)
Off-state leakage current: less than 1 µA
Output saturation voltage (PNP output): less than 1 volt at 10 mA and less than 2 volts at 150 mA
Output saturation voltage (NPN output): less than 200 millivolts at 10 mA and less than 1 volt at 150 mA
Output Protection Circuitry
Protected against false pulse on power-up and continuous overload or short-circuit of outputs
Output Response Time
Sensors will respond to either a “light” or a “dark” signal of 1 millisecond or longer duration, 500 Hz max.
0.3 millisecond response modification is available. See note below
†.
NOTE: 100 millisecond delay on power-up: outputs do not conduct during this time.
Repeatability
Opposed: 0.14 milliseconds; Non-Polarized and Polarized Retroreflective, Diffuse, Convergent, Glass and
Plastic Fiber Optic: 0.3 milliseconds. Response time and repeatability specifications are independent of signal strength.
Adjustments
LIGHT/DARK OPERATE select switch, and 15-turn slotted brass screw GAIN (sensitivity) adjustment potentiometer
(clutched at both ends of travel). Both controls are located on rear panel of sensor and protected by a gasketed,
clear acrylic cover.
Indicators
Alignment Indicating Device system (AID) lights a rear-panel mounted red LED indicator whenever the sensor sees
a “light” condition, with a superimposed pulse rate proportional to the light signal strength (the stronger the signal,
the faster the pulse rate).
Construction
Reinforced thermoplastic polyester housing, totally encapsulated, o-ring sealing, acrylic lenses, and stainless steel screws.
Environmental Rating
Meets NEMA standards 1, 2, 3, 3S, 4, 4X, 6, 12, and 13; IEC IP67
Connections
PVC-jacketed 4-conductor 2 m or 9 m cables, or 4-pin Euro-style quick-disconnect (QD) fitting are available. QD
cables are ordered separately. See page 380.
Operating Conditions
Temperature: -20° to +70° C
Relative humidity: 90% at 50° C (non-condensing)
Certifications
Hookup Diagrams
Emitters: DC03 (p. 476)
Other Models: DC06 (p. 477)
†NOTE: DC MINI-BEAMs may be ordered with 0.3 millisecond on/off response by adding suffix MHS to the model number (example, SM312LVMHS). This modification
reduces sensing range (and excess gain).
(cont’d)
Download
PDF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com