Electronic Components Datasheet Search
  English  ▼

X  

S18SP6LP Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # S18SP6LP
Description  Universal photoelectric family offers 18 mm threaded lens or side mounts
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S18SP6LP Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  S18SP6LP Datasheet HTML 1Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 2Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 3Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 4Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 5Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 6Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 7Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 8Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
Compact Sensors
67
More information online at
bannerengineering.com
WORLD-BEAM
® QS18 Series
Optional 18 mm threaded
lens mount on some
models
A variety of cable and
connector options
Rugged sealed housing,
protected circuitry
Bright LED operating
status indicators visible
from 360°
WORLD-BEAM
® QS18 Sensors
WORLD-BEAM
® QS18, 10-30V dc
Models
Sensing
Mode/LED*
Range
Cable**
Output
Type
Excess
Gain
Beam
Pattern
Data
Sheet
QS186E Emitter
OPPOSED
20 m
2 m
—
EGCO-8
(p. 428)
BPO-8
(p. 450)
63908
QS186EQ8 Emitter
4-pin Euro QD
QS18VN6R
2 m
NPN
QS18VN6RQ8
4-pin Euro QD
QS18VP6R
2 m
PNP
QS18VP6RQ8
4-pin Euro QD
QS186EB Emitter
3 m
2 m
—
EGCO-9
(p. 428)
BPO-9
(p. 450)
QS186EBQ8 Emitter
4-pin Euro QD
QS18VN6RB
2 m
NPN
QS18VN6RBQ8
4-pin Euro QD
QS18VP6RB
2 m
PNP
QS18VP6RBQ8
4-pin Euro QD
*
Infrared LED
** For 9 m cable, add suffix W/30 to the 2 m model number (example, QS186E W/30). A model with a QD requires a mating cable (see pages 378 and 380).
QD models:
• For 4-pin integral Euro-style QD, add suffix Q8 (example, QS186EQ8).
• For 4-pin 150 mm Euro-style pigtail, add suffix Q5 (example, QS186EQ5).
• For 4-pin integral Pico-style QD, add suffix Q7 (example, QS186EQ7).
• For 4-pin 150 mm Pico-style pigtail, add suffix Q (example, QS186EQ).
27.5 mm
35.0 mm
15.0 mm
Plastic Fiber Models
Suffix FP
Opposed, Retroreflective, Laser Retroreflective, Convergent,
Diffuse, Laser Diffuse and Fixed-field Models
Suffix E, R, LV, LP, LLP, CV15, CV45, D, LD, LE and FF
36.9 mm
15.0 mm
35.0 mm
Glass Fiber Models
Suffix F
Detailed
Dimensions
35.0 mm
15.0 mm
31.0 mm
35.0 mm
21.0 mm
15.0 mm
Opposed and Diffuse Models
Suffix EB, RB, DB and W
Download
PDF
35.0 mm
21.0 mm
15.0 mm
Adjustable-field Models
Suffix AF100 and LAF
QPMA
YL
E • P
IGTAIL • PU
R
CALL FACTORY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com