Electronic Components Datasheet Search
  English  ▼

X  

S18SP6LP Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # S18SP6LP
Description  Universal photoelectric family offers 18 mm threaded lens or side mounts
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S18SP6LP Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button S18SP6LP Datasheet HTML 21Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 22Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 23Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 24Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 25Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 26Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 27Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 28Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
Compact Sensors
89
More information online at
bannerengineering.com
Q23 Series
*
Visible Red LED
** For 9 m cable, add suffix W/30 to the 2 m model number (example, Q23SN6D W/30). A model with a pigtail QD requires a mating cable (see page 378).
†
Retroreflective range is specified using one model BRT-3 retroreflector. Actual sensing range may differ, depending on the efficiency and reflective area of the
retroreflector used. See Accessories for more information.
Download
PDF
Q23 and QH23, 10-30V dc
Models
Sensing
Mode/LED*
Range
Cable**
Output
Type
Excess
Gain
Beam
Pattern
Data
Sheet
Q236E Emitter
OPPOSED
8 m
2 m
–
EGCO-15
(p. 428)
BPO-15
(p. 450)
46637
QH236E Emitter
Q236EQ Emitter
4-pin Pico Pigtail QD
QH236EQ Emitter
Q23SN6R
2 m
NPN
QH23SN6R
Q23SN6RQ
4-pin Pico Pigtail QD
QH23SN6RQ
Q23SP6R
2 m
PNP
QH23SP6R
Q23SP6RQ
4-pin Pico Pigtail QD
QH23SP6RQ
Q23SN6LP
P
POLAR RETRO
100 mm - 2 m
†
2 m
NPN
EGCR-20
(p. 432)
BPR-19
(p. 454)
46637
QH23SN6LP
Q23SN6LPQ
4-pin Pico Pigtail QD
QH23SN6LPQ
Q23SP6LP
2 m
PNP
QH23SP6LP
Q23SP6LPQ
4-pin Pico Pigtail QD
QH23SP6LPQ
Q23SN6D
DIFFUSE
200 mm
2 m
NPN
EGCD-23
(p. 435)
BPD-22
(p. 457)
46637
QH23SN6D
Q23SN6DQ
4-pin Pico Pigtail QD
QH23SN6DQ
Q23SP6D
2 m
PNP
QH23SP6D
Q23SP6DQ
4-pin Pico Pigtail QD
QH23SP6DQ
Q23SN6DL
DIFFUSE
800 mm
2 m
NPN
EGCD-24
(p. 435)
BPD-23
(p. 457)
QH23SN6DL
Q23SN6DLQ
4-pin Pico Pigtail QD
QH23SN6DLQ
Q23SP6DL
2 m
PNP
QH23SP6DL
Q23SP6DLQ
4-pin Pico Pigtail QD
QH23SP6DLQ
SHORT-RANGE
LONG-RANGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com