Electronic Components Datasheet Search
  English  ▼

X  

S18SP6LP Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # S18SP6LP
Description  Universal photoelectric family offers 18 mm threaded lens or side mounts
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S18SP6LP Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button S18SP6LP Datasheet HTML 10Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 11Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 12Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 13Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 14Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 15Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 16Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 17Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
Compact Sensors
78
More information online at
bannerengineering.com
MINI-BEAM
® Series
MINI-BEAM
®, 24-240V ac
Models
Sensing
Mode/LED*
Range
Cable**
Output
Type
Excess
Gain
Beam
Pattern
Data
Sheet
SMA31E Emitter
OPPOSED
3 m
2 m
SPST
Solid-State
2-Wire
EGCO-10
(p. 428)
BPO-10
(p. 450)
03561
SMA31EQD Emitter
3-Pin Micro QD
SM2A31R
2 m
SM2A31RQD
3-Pin Micro QD
SMA31EL Emitter
30 m
2 m
EGCO-11
(p. 428)
BPO-11
(p. 450)
SMA31ELQD Emitter
3-Pin Micro QD
SM2A31RL
2 m
SM2A31RLQD
3-Pin Micro QD
SMA31EPD Emitter
OPPOSED
CLEAR PLASTIC
0.3 m
2 m
See Note Below***
03458
SM2A31RPD
SMA31EPDQD Emitter
3-Pin Micro QD
SM2A31RPDQD
SM2A312D
DIFFUSE
380 mm
2 m
EGCD-13
(p. 434)
BPD-12
(p. 456)
03376
SM2A312DQD
3-Pin Micro QD
SM2A312DBZ
300 mm
2 m
EGCD-14
(p. 434)
BPD-13
(p. 456)
03565
SM2A312DBZQD
3-Pin Micro QD
SM2A312W
DIFFUSE
DIVERGENT
130 mm
2 m
EGCD-15
(p. 434)
BPD-14
(p. 456)
03565
SM2A312WQD
3-Pin Micro QD
Signal strength or output indicator
24 to 240V ac with solid-state
outputs
2 m or 9 m integral
cable, quick-
disconnect fitting or
Micro-style QD
Optional 18 mm
threaded lens
mount on some
models
Opposed, Retroreflective,
Diffuse and Convergent Models
Suffix E, R, EPD, RPD, D, LV, LP, C and CV
12.2 mm
30.7 mm
51.8 mm
Diffuse Models
Suffix DBZ and W
69.9 mm
12.2 mm
30.7 mm
Glass Fiber Models
Suffix F and FV
54.8 mm
12.2 mm
30.7 mm
MINI-BEAM
® AC Sensors
Plastic Fiber Models
Suffix FP
*
Infrared LED
Visible Red LED
**
For 9 m cable, add suffix W/30 to the 2 m model number (example, SM2A312D W/30). A model with a QD requires a mating cable (see page 386).
***
Actual range depends on light transmission through the plastic being sensed. Some clear plastic materials may not be detected. When in doubt, ask your Banner
representative to evaluate material samples.
12.2 mm
30.7 mm
66.0 mm
Detailed
Dimensions
Download
PDF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com