Electronic Components Datasheet Search
  English  ▼

X  

S18SP6LP Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # S18SP6LP
Description  Universal photoelectric family offers 18 mm threaded lens or side mounts
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S18SP6LP Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  S18SP6LP Datasheet HTML 1Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 2Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 3Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 4Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 5Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 6Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 7Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 8Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
Compact Sensors
69
More information online at
bannerengineering.com
WORLD-BEAM
® QS18 Series
WORLD-BEAM
® QS18, 10-30V dc
Models
Sensing
Mode/LED*
Range
Cable**
Output
Type
Excess
Gain
Beam
Pattern
Data
Sheet
QS18VN6D
DIFFUSE
450 mm
2 m
NPN
EGCD-6
(p. 434)
BPD-6
(p. 456)
63908
QS18VN6DQ8
4-pin Euro QD
QS18VP6D
2 m
PNP
QS18VP6DQ8
4-pin Euro QD
QS18VN6DB
2 m
NPN
EGCD-7
(p. 434)
BPD-7
(p. 456)
QS18VN6DBQ8
4-pin Euro QD
QS18VP6DB
2 m
PNP
QS18VP6DBQ8
4-pin Euro QD
QS18VN6W
DIFFUSE
DIVERGENT
100 mm
2 m
NPN
EGCD-8
(p. 434)
BPD-8
(p. 456)
63908
QS18VN6WQ8
4-pin Euro QD
QS18VP6W
2 m
PNP
QS18VP6WQ8
4-pin Euro QD
QS18VN6LD
LASER DIFFUSE
300 mm
2 m
NPN
EGCD-9
(p. 434)
BPD-42
(p. 458)
118899
QS18VN6LDQ8
4-pin Euro QD
QS18VP6LD
2 m
PNP
QS18VP6LDQ8
4-pin Euro QD
QS18VN6AF100
ADJUSTABLE-FIELD
1 mm
to
cutoff point
(adj. between
20-100 mm)
2 m
NPN
EGCA-1
(p. 440)
Cutoff Point
Deviation Curve
CPDC-1
(p. 474)
—
66981
QS18VN6AF100Q5
4-pin Euro Pigtail QD
QS18VP6AF100
2 m
PNP
QS18VP6AF100Q5
4-pin Euro Pigtail QD
QS18VN6LAF
LASER
ADJUSTABLE-FIELD
1 mm
to
cutoff point
(adj. between
30-150 mm)
2 m
NPN
EGCA-2
(p. 440)
Cutoff Point
Deviation Curve
CPDC-2
(p. 474)
—
QS18VN6LAFQ5
4-pin Euro Pigtail QD
QS18VP6LAF
2 m
PNP
QS18VP6LAFQ5
4-pin Euro Pigtail QD
QS18VN6FF50
FIXED-FIELD
0-50 mm
Cutoff
2 m
NPN
EGCF-4
(p. 441)
—
63908
QS18VN6FF50Q8
4-pin Euro QD
QS18VP6FF50
2 m
PNP
QS18VP6FF50Q8
4-pin Euro QD
QS18VN6FF100
0-100 mm
Cutoff
2 m
NPN
EGCF-5
(p. 441)
—
QS18VN6FF100Q8
4-pin Euro QD
QS18VP6FF100
2 m
PNP
QS18VP6FF100Q8
4-pin Euro QD
(cont’d)
Download
PDF
*
Infrared LED
Visible Red LED
Visible Red Laser
** For 9 m cable, add suffix W/30 to the 2 m model number (example, QS18VN6W W/30). A model with a QD requires a mating cable (see pages 378 and 380).
QD models (except Adjustable-Field):
• For 4-pin integral Euro-style QD, add suffix Q8 (example, QS18VN6WQ8).
• For 4-pin 150 mm Euro-style pigtail, add suffix Q5 (example, QS18VN6WQ5).
• For 4-pin integral Pico-style QD, add suffix Q7 (example, QS18VN6WQ7).
• For 4-pin 150 mm Pico-style pigtail, add suffix Q (example, QS18VN6WQ).
QD models (Adjustable-Field only):
• For 4-pin 150 mm Pico-style pigtail, add suffix Q (example, QS18VP6AF100Q).
• For 4-pin 150 mm Euro-style pigtail, add suffix Q5 (example, QS18VP6AF100Q5).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com