Electronic Components Datasheet Search
  English  ▼

X  

S18SP6LP Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # S18SP6LP
Description  Universal photoelectric family offers 18 mm threaded lens or side mounts
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S18SP6LP Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button S18SP6LP Datasheet HTML 29Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 30Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 31Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 32Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 33Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 34Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 35Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 36Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
Compact Sensors
97
More information online at
bannerengineering.com
S18/M18 Series
S18, 20-250V ac
Models
Sensing
Mode/LED*
Range
Cable**
Output
Type
Excess
Gain
Beam
Pattern
Data
Sheet
S18AW3D
DIFFUSE
100 mm
2 m
LO
EGCD-25
(p. 435)
BPD-24
(p. 457)
116160
S18AW3DQ1
4-Pin Micro QD
S18RW3D
2 m
DO
S18RW3DQ1
4-Pin Micro QD
S18AW3DL
300 mm
2 m
LO
EGCD-26
(p. 435)
BPD-25
(p. 457)
S18AW3DLQ1
4-Pin Micro QD
S18RW3DL
2 m
DO
S18RW3DLQ1
4-Pin Micro QD
*
Infrared LED
** For 9 m cable, add suffix W/30 to the 2 m model number (example, S18AW3D W/30). A model with a QD requires a mating cable (see page 386).
S18 AC Specifications
Supply Voltage and Current
20 to 250V ac (50/60 Hz). Average current 20 mA. Peak current: 200 mA at 20V ac, 500 mA at 120V ac, 750 mA at
250V ac
Supply Protection Circuitry
Protected against transient voltages
Output Configuration
SPST solid-state ac switch; three-wire hookup; Light Operate (LO) or Dark Operate (DO), depending on model.
Light operate: Output conducts when the sensor sees its own (or the emitter’s) modulated light
Dark operate: Output conducts when sensor sees dark
Output Rating
300 mA max. (continuous) Fixed-field models: derate 5 mA/° C above +50° C;
Inrush capability: 1 amp for 20 milliseconds, non-repetitive
Off-state leakage current: less than 100 mA
On-state voltage drop: 3V at 300 mA ac; 2V at 15 mA ac
Output Protection Circuitry
Protected against false pulse on power-up
Output Response Time
Opposed Mode: 16 milliseconds ON, 8 milliseconds OFF; Polarized Retroreflective, Non-polarized
Retroreflective, Fixed-field, and Diffuse: 16 milliseconds ON/OFF
NOTE: 100 millisecond delay on power-up
Repeatability
Opposed Mode: 2 milliseconds; Polarized Retroreflective, Non-polarized Retroreflective, Fixed-field, and
Diffuse: 4 milliseconds. Repeatability and response are independent of signal strength.
Indicators
Two LEDs: Green and Yellow
Green ON steady: power to sensor is ON
Yellow ON steady: sensor sees light
Yellow flashing: excess gain marginal (1-1.5x) in light condition
Construction
Housings are thermoplastic polyester. Lenses are polycarbonate or acrylic; two jam nuts included.
Environmental Rating
S18 models: Leakproof design rated NEMA 6P, DIN 40050 (IP69K)
M18 models: Rated NEMA 6P (IP67)
Connections
2 m or 9 m attached cable, or 4 pin Micro-style quick-disconnect fitting. QD cables are ordered separately. See
page 386.
Operating Conditions
Temperature: -40° to +70° C
Relative humidity: 90% at 50° C (non-condensing)
Vibration and
Mechanical Shock
All models meet Mil. Std. 202F requirements. Method 201A (Vibration; frequency 10 to 60 Hz, max, double
amplitude 0.06-inch acceleration 10G). Method 213B conditions H&I (Shock: 75G with unit operating; 100G for
non-operation)
Certifications
R
Hookup Diagrams
Cabled Emitters: AC03 (p. 484)
Other Cabled Models: AC05 (p. 485)
QD Emitters: AC07 (p. 485)
Other QD Models: AC06 (p. 485)
(cont’d)
Download
PDF
S18 & M18
models
S18 models
only
S18 models
only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com