Electronic Components Datasheet Search
  English  ▼

X  

S18SP6LP Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # S18SP6LP
Description  Universal photoelectric family offers 18 mm threaded lens or side mounts
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S18SP6LP Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button S18SP6LP Datasheet HTML 2Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 3Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 4Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 5Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 6Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 7Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 8Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 9Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
Compact Sensors
70
More information online at
bannerengineering.com
WORLD-BEAM
® QS18 Series
WORLD-BEAM
® QS18, 10-30V dc
Models
Sensing
Mode/LED*
Range
Cable**
Output
Type
Excess
Gain
Beam
Pattern
Data
Sheet
QS18VN6F
GLASS FIBER
Range varies
by sensing
mode and
fiber optics
used
2 m
NPN
EGCG-1
& EGCG-2
(p. 444)
BPG-1
& BPG-2
(p. 462)
63908
QS18VN6FQ8
4-pin Euro QD
QS18VP6F
2 m
PNP
QS18VP6FQ8
4-pin Euro QD
QS18VN6FP
PLASTIC FIBER
Range varies
by sensing
mode and
fiber optics
used
2 m
NPN
EGCP-1
& EGCP-2
(p. 447)
BPP-1 &
BPP-2
(p. 465)
63908
QS18VN6FPQ8
4-pin Euro QD
QS18VP6FP
2 m
PNP
QS18VP6FPQ8
4-pin Euro QD
*
Infrared LED
Visible Red LED
** For 9 m cable, add suffix W/30 to the 2 m model number (example, QS18VN6F W/30). A model with a QD requires a mating cable (see pages 378 and 380).
QD models:
• For 4-pin integral Euro-style QD, add suffix Q8 (example, QS18VN6FQ8).
• For 4-pin 150 mm Euro-style pigtail, add suffix Q5 (example, QS18VN6FQ5).
• For 4-pin integral Pico-style QD, add suffix Q7 (example, QS18VN6FQ7).
• For 4-pin 150 mm Pico-style pigtail, add suffix Q (example, QS18VN6FQ).
WORLD-BEAM
® QS18 Specifications
Supply Voltage
Retroreflective, Diffuse and Adjustable-field Laser models: 10 to 30V dc (10% max. ripple) at less than
15 mA, exclusive of load
Laser Emitter models: 10 to 30V dc (10% max. ripple) at less than 35 mA, exclusive of load
All other models: 10 to 30V dc (10% max. ripple) at less than 25 mA, exclusive of load
Laser Characteristics
(Lasers only)
Wavelength: 650 nm visible red Class 1 laser
Pulse width: 7 microseconds (Laser Emitter models: 5 microseconds)
Rep rate: 130 microseconds (Laser Emitter models: 27 microseconds)
Pulse output power: 0.065 mW (Laser Emitter models: less than 1.9 mW)
Supply Protection Circuitry
Protected against reverse polarity and transient voltages
Laser Control
Enable beam by applying 0V dc to white wire; apply +10 to 30V dc to white wire to inhibit (extinguish) beam
Output Configuration*
Solid-state complementary (SPDT); NPN (current sinking) or PNP (current sourcing), depending on model;
Rating: 100 mA max. each output at 25° C
OFF-state leakage current:
Retroreflective, Diffuse and Adjustable-field Laser models: NPN: less than 200 µA @ 30V dc
PNP: less than 10 µA @ 30V dc
Fixed-field models: less than 200 µA @ 30V dc
All others: less than 50 µA @ 30V dc
ON-state saturation voltage:
Retroreflective, Diffuse and Adjustable-field Laser models: NPN: less than 1.6V @ 100 mA
PNP: less than 2.0V @ 100 mA
All other models: less than 1V @ 10 mA; less than 1.5V @ 100 mA
Protected against false pulse on power-up and continuous overload or short circuit of outputs
Output Response Time*
Opposed models: 750 microseconds ON; 375 microseconds OFF
Retroreflective Laser, Diffuse Laser and Adjustable-field models: 700 microseconds ON/OFF
Fixed-field models: 850 microseconds ON/OFF
All others models: 600 microseconds ON/OFF
Delay at Power-up
Laser Emitters: 1.5 seconds
Retroreflective, Diffuse and Adjustable-field Laser models: 200 milliseconds; outputs do not conduct during
this time.
All others: 100 milliseconds; outputs do not conduct during this time.
Repeatability*
Opposed models: 100 microseconds
Retroreflective and Diffuse Laser models: 130 microseconds
Adjustable-field models: 175 microseconds
Fixed-field models: 160 microseconds
All other models: 150 microseconds
Download
PDF
(cont’d)
* Does not apply to laser emitter models.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com