Electronic Components Datasheet Search
  English  ▼

X  

S18SP6LP Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # S18SP6LP
Description  Universal photoelectric family offers 18 mm threaded lens or side mounts
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S18SP6LP Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button S18SP6LP Datasheet HTML 27Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 28Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 29Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 30Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 31Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 32Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 33Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 34Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
Compact Sensors
95
More information online at
bannerengineering.com
S18/M18 Series
S18 and M18 DC Specifications
Supply Voltage and Current
10 to 30V dc (10% max. ripple); Supply current (exclusive of load current):
Opposed Mode Emitters: 25 mA
Opposed Mode Receivers: 20 mA
Polarized Retroreflective: 30 mA
Non-polarized Retroreflective: 25 mA
Fixed-field: 35 mA
Diffuse: 25 mA
Supply Protection Circuitry
Protected against reverse polarity and transient voltages
Output Configuration
Solid-state complementary (SPDT) dc switch; NPN (current sinking) or PNP (current sourcing), depending on model.
The Dark Operate (DO) output may be wired as a normally open marginal signal alarm output, depending upon
hookup to the power supply.
Output Rating
150 mA max. (each) in standard hookup. When wired for alarm output, the total load may not exceed 150 mA
Off-state leakage current: less than 1 mA at 30V dc;
On-state saturation voltage: less than 1V at 10 mA dc; <1.5V at 150 mA dc
Output Protection Circuitry
Protected against false pulse on power-up and continuous overload or short circuit of outputs
Output Response Time
Opposed: 3 milliseconds ON, 1.5 milliseconds OFF; Polarized Retroreflective, Non-polarized Retroreflective,
Fixed-field and Diffuse: 3 milliseconds ON/OFF
NOTE: 100 millisecond delay on power-up; outputs are non-conducting during this time
Repeatability
Opposed: 375 microseconds; Polarized Retroreflective, Non-polarized Retroreflective, Fixed-field and
Diffuse: 750 microseconds. Repeatability and response are independent of signal strength.
Indicators
Two LEDs: Green and Yellow
Green ON steady: power to sensor is ON
Green flashing: output is overloaded (dc models only)
Yellow ON steady: Light Operate (LO) output is energized
Yellow flashing: excess gain marginal (1-1.5x) in light condition, LO output is energized
Construction
M18 models: stainless steel housing
S18 models: thermoplastic polyester housing
Lenses are polycarbonate or acrylic; S18 and M18 models come with two jam nuts.
Environmental Rating
Leakproof design rated NEMA 6P, DIN 40050 (IP69K)
Connections
2 m or 9 m attached cable, or 4-pin Euro-style quick-disconnect fitting. QD cables are ordered separately. See page 380.
Operating Conditions
Temperature: -40° to +70° C
Relative humidity: 90% at 50° C (non-condensing)
Vibration and
Mechanical Shock
All models meet Mil. Std. 202F requirements. Method 201A (Vibration; frequency 10 to 60 Hz, max., double
amplitude 0.06-inch acceleration 10G). Method 213B conditions H&I (Shock: 75G with unit operating; 100G for
non-operation)
Certifications
(S18 models)
R
Hookup Diagrams
Emitters: DC03 (p. 476)
NPN Models: DC07 (p. 477)
PNP Models: DC08 (p. 477)
Excludes M18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com