Electronic Components Datasheet Search
  English  ▼

X  

S18SP6LP Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # S18SP6LP
Description  Universal photoelectric family offers 18 mm threaded lens or side mounts
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S18SP6LP Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button S18SP6LP Datasheet HTML 15Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 16Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 17Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 18Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 19Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 20Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 21Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 22Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
Compact Sensors
83
More information online at
bannerengineering.com
MINI-BEAM
® Expert™ Series
MINI-BEAM
® Expert™ Specifications
Supply Voltage and Current
10 to 30V dc (10% max. ripple) at less than 45 mA, exclusive of load
Supply Protection Circuitry
Protected against reverse polarity and transient voltages
Output Configuration
Bipolar: One current sourcing (PNP) and one current sinking (NPN) open-collector transistor. Configuration in
TEACH sequence for Light Operate (LO) or Dark Operate (DO).
Output Rating
150 mA max. each output at 25° C, derated to 100 mA at 70° C (derate
≈ 1 mA per ° C)
Off-state leakage current: less than 5 µA @ 30V dc
Output saturation voltage (PNP output): less than 1 volt at 10 mA and less than 2 volts at 150 mA
Output saturation voltage (NPN output): less than 200 millivolts at 10 mA and less than 1 volt at 150 mA
Output Protection Circuitry
Protected against false pulse on power-up and continuous overload or short-circuit of outputs
Output Response Time
Sensors will respond to either a “light” or a “dark” signal of 500 microseconds or longer duration, 1 kHz max.
NOTE: 1 second delay on power-up; outputs do not conduct during this time.
Repeatability
100 microseconds (all models)
Adjustments
Push-button TEACH mode sensitivity setting; remote TEACH mode input is provided (gray wire)
Indicators
Two LEDs: Yellow and Bicolor Green/Red
Green (RUN Mode):
ON when power is applied
Flashes when received light level approaches the switching threshold
Red (TEACH Mode):
OFF when no signal is received.
Pulses to indicate signal strength (received light level). Rate is proportional to signal
strength (the stronger the signal, the faster the pulse rate). This is a function of Banner’s
Alignment Indicating Device (AID).
Yellow (TEACH Mode):ON to indicate sensor is ready to learn output ON condition
OFF to indicate sensor is ready to learn output OFF condition
Yellow (RUN Mode):
ON when outputs are conducting
Construction
Reinforced thermoplastic polyester housing, totally encapsulated, o-ring seal, acrylic lenses, and stainless steel screws.
Environmental Rating
Meets NEMA standards 1, 2, 3, 3S, 4, 4X, 6, 12, and 13; IEC IP67
Connections
PVC-jacketed 5-conductor 2 m or 9 m unterminated cable, or 5-pin Euro-style quick-disconnect (QD) fitting are
available. QD cables are ordered separately. See page 382.
Operating Conditions
Temperature: -20° to +70° C
Relative humidity: 90% at 50° C (non-condensing)
Application Notes
The first condition presented during TEACH mode becomes the output ON condition.
Certifications
Hookup Diagrams
DC11 (p. 478)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com