Electronic Components Datasheet Search
  English  ▼

X  

S18SP6LP Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # S18SP6LP
Description  Universal photoelectric family offers 18 mm threaded lens or side mounts
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S18SP6LP Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button S18SP6LP Datasheet HTML 30Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 31Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 32Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 33Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 34Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 35Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 36Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 37Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
Compact Sensors
98
More information online at
bannerengineering.com
18 mm Threaded
Right-Angle Sensors
• Features EZ-BEAM
® technology, with specially
designed optics and electronics for reliable
sensing without adjustments on most models
• T-style plastic housing with 18 mm threaded lens
mount
• Available in opposed, retroreflective, diffuse and
fixed-field modes
• Completely epoxy-encapsulated to provide
superior durability, even in harsh sensing
environments
• Uses innovative dual-indicator system to
take the guesswork out of monitoring sensor
performance
• Includes advanced diagnostics to warn of
marginal sensing conditions or output overload
(dc models)
DC Models . . . . . . . . . . . . . . . . . . . . . . . . . . .Page 99
AC Models . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 101
T18 DC Sensors
Dual-LED multi-function indicators
Popular 18 mm threaded lens
mount
10 to 30V dc with NPN or PNP
outputs
2 m or 9 m attached cable, or
Euro-style quick-disconnect
T18 DC Sensors (all models)
30.0 mm
41.5 mm
ø 30.0 mm
Detailed
Dimensions
REFLECTORS
PAGE 391
BRACKETS
PAGE 350
QD CABLES
PAGE 380 & 386
DIFFUSE
P
POLAR RETRO
FIXED-FIELD
RETRO
OPPOSED
4-Pin Euro + 4-Pin Micro
T18
T18 Series
APERTURES
PAGE 406



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com