Electronic Components Datasheet Search
  English  ▼

X  

S18SP6LP Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # S18SP6LP
Description  Universal photoelectric family offers 18 mm threaded lens or side mounts
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S18SP6LP Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button S18SP6LP Datasheet HTML 23Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 24Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 25Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 26Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 27Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 28Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 29Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 30Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
Compact Sensors
91
More information online at
bannerengineering.com
Q23 Series
Q23 and QH23 Specifications
Repeatability
Opposed: 0.13 milliseconds;
Retroreflective and Diffuse: 0.25 milliseconds
FPY High-Speed Plastic Fiber Optic: 25 microseconds
Response time and repeatability specifications are independent of signal strength.
Adjustments
SENSITIVITY control (single-turn, o-ring sealed potentiometer)
Indicators
Sensors except opposed mode emitters have two LEDs:
Green ON steady: dc power ON
Green flashing: output overload
Yellow ON steady: Light Operate (LO), output is energized
Yellow flashing: marginal excess gain (1 - 1.5x), LO output is energized
Emitters have green power “ON” indicator
Construction
Yellow and black ABS housing, with acrylic lenses, completely sealed. Stainless steel mounting bracket and M3
mounting hardware are supplied
Environmental Rating
Meets NEMA standards 1, 2, 3, 3S, 4, 4X, 6, 12, and 13; IEC IP67. Housing materials rated UL 94 V-0
Connections
PVC-jacketed 4-conductor 2 m or 9 m cables, or 4-pin Pico-style 50 mm threaded quick-disconnect (QD) fitting are
available. Mating QD cables are ordered separately. See page 378.
Operating Conditions
Temperature: -20° to +55° C
Relative humidity: 90% at 50° C (non-condensing)
Application Notes
To avoid damage to the sensor caused by static discharge (ESD), use the plastic screwdriver supplied with each
sensor (included in the hardware packet) to adjust the SENSITIVITY control. Otherwise, use a screwdriver with an
insulated handle.
Certifications
Hookup Diagrams
Emitters: DC03 (p. 476)
NPN Models: DC07 (p. 477)
PNP Models: DC08 (p. 477)
(cont’d)
Q23 and QH23 Specifications (cont’d)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com