Electronic Components Datasheet Search
  English  ▼

X  

S18SP6LP Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # S18SP6LP
Description  Universal photoelectric family offers 18 mm threaded lens or side mounts
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S18SP6LP Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button S18SP6LP Datasheet HTML 5Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 6Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 7Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 8Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 9Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 10Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 11Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 12Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
Compact Sensors
73
More information online at
bannerengineering.com
WORLD-BEAM
® QS18 Expert™ Series
WORLD-BEAM
® QS18 Expert™, 10-30V dc
Models
Sensing
Mode/LED*
Range
Cable**
Output
Type
Excess
Gain
Beam
Pattern
Data
Sheet
QS18EN6W
DIFFUSE
DIVERGENT
300 mm
2 m
NPN
EGCD-12
(p. 434)
BPD-11
(p. 456)
69948
QS18EN6WQ8
4-pin Euro QD
QS18EP6W
2 m
PNP
QS18EP6WQ8
4-pin Euro QD
WORLD-BEAM
® QS18 Ultrasonic, 12-30V dc
Models
†
Sensing
Mode/LED*
Range
Cable**
Output
Type
Excess
Gain
Beam
Pattern
Data
Sheet
QS18UNA
ULTRASONIC
50 - 500 mm
2 m
NPN
——
119287
QS18UNAQ8
4-pin Euro QD
QS18UNAE
††
2 m
QS18UNAEQ8
††
4-pin Euro QD
QS18UPA
2 m
PNP
——
QS18UPAQ8
4-pin Euro QD
QS18UPAE
††
2 m
QS18UPAEQ8
††
4-pin Euro QD
*
Infrared LED
Ultrasonic
** For 9 m cable, add suffix W/30 to the 2 m model number (example, QS18EN6W W/30). A model with a QD requires a mating cable (see pages 378, 379 and 380).
QD models:
• For 4-pin integral Euro-style QD, add suffix Q8 (example, QS18EN6WQ8).
• For 4-pin 150 mm Euro-style pigtail, add suffix Q5 (example, QS18EN6WQ5).
• For 4-pin integral Pico-style QD, add suffix Q7 (example, QS18EN6WDQ7).
• For 4-pin 150 mm Pico-style pigtail, add suffix Q (example, QS18EN6WQ).
†
For complete information see QS18U Ultrasonic Sensors on page 293.
††
Models are epoxy-encapsulated, DIN 40050, IP69K with remote Teach programming.
Download
PDF
(cont’d)
Download
PDF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com