Electronic Components Datasheet Search
  English  ▼

X  

S18SP6LP Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # S18SP6LP
Description  Universal photoelectric family offers 18 mm threaded lens or side mounts
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S18SP6LP Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button S18SP6LP Datasheet HTML 24Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 25Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 26Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 27Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 28Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 29Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 30Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 31Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
Compact Sensors
92
More information online at
bannerengineering.com
Advanced self-diagnostics with
separate alarm output; dual-LED
multi-function indicators
Popular 18 mm threaded
barrel
10 to 30V dc with NPN or PNP
outputs
2 m or 9 m integral cable, or
Euro-style quick-disconnect
fitting
S18 DC Models. . . . . . . . . . . . . . . . . . . . . . . .Page 93
M18 DC Models . . . . . . . . . . . . . . . . . . . . . . . . . . . 94
S18 AC Models . . . . . . . . . . . . . . . . . . . . . . . . . . . . 96
S18 and M18 DC Sensors
65.0 mm
S18 Polarized Retroreflective
and Fixed-field Models
Suffix LP and FF
65.0 mm
M18 Polarized Retroreflective
and Fixed-field Models
Suffix LP and FF
M18 Opposed, Non-polarized
Retroreflective and Diffuse Models
Suffix E, R, L, D and DL
S18 Opposed, Non-polarized
Retroreflective and Diffuse Models
Suffix E, R, L and D
18 mm Threaded-
Barrel Sensors
• Features EZ-BEAM
® technology, with specially
designed optics and electronics for reliable sensing
without adjustments
• Available in plastic threaded barrel sensor (S18)
and stainless steel threaded barrel sensor (M18)
• Completely epoxy-encapsulated to provide superior
durability, even in harsh sensing environments (S18)
• Uses innovative dual-indicator system to take the
guesswork out of monitoring sensor performance
• Available in models for ac or dc power
• Includes advanced diagnostics to warn of marginal
sensing conditions or output overload (dc models)
• Meets rigorous IP69K standards for use in 1200 psi
washdowns (S18)
59.2 mm
59.2 mm
ø 18.0 mm
ø 18.0 mm
Detailed
Dimensions
S18 and M18
QD CABLES
PAGE 380 & 386
DIFFUSE
P
POLAR RETRO
FIXED-FIELD
RETRO
OPPOSED
4-Pin Euro + 4-Pin Micro
REFLECTORS
PAGE 391
BRACKETS
PAGE 350
S18/M18 Series
APERTURES
PAGE 406



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com