Electronic Components Datasheet Search
  English  ▼

X  

S18SP6LP Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # S18SP6LP
Description  Universal photoelectric family offers 18 mm threaded lens or side mounts
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S18SP6LP Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button S18SP6LP Datasheet HTML 16Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 17Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 18Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 19Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 20Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 21Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 22Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 23Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
Compact Sensors
84
More information online at
bannerengineering.com
MINI-BEAM
® Universal Voltage Series
12.2 mm
30.7 mm
85.3 mm
Popular, compact MINI-BEAM
package with a SPDT
electromechanical (E/M)
relay
Universal supply
voltage:
24 to 240V
ac, 50/60 Hz;
24 to 240V dc
Easy-to-
operate
sensors with
few required
adjustments
MINI-BEAM
® Universal Voltage Sensors
MINI-BEAM
® Universal Voltage, 24-240V ac or dc
Models
Sensing
Mode/LED*
Range
Cable**
Output
Type
Excess
Gain
Beam
Pattern
Data
Sheet
SMU31E Emitter
OPPOSED
3 m
2 m
SPDT
E/M Relay
EGCO-12
(p. 428)
BPO-12
(p. 450)
55230
SMU31R
SMU31EL Emitter
30 m
2 m
EGCO-13
(p. 428)
BPO-13
(p. 450)
SMU31RL
SMU315LV
RETRO
5 m
†
2 m
EGCR-16
(p. 431)
BPR-15
(p. 453)
SMU315LP
P
POLAR RETRO
10 mm - 3 m
†
2 m
EGCR-17
(p. 432)
BPR-16
(p. 453)
SMU315D
DIFFUSE
380 mm
2 m
EGCD-19
(p. 435)
BPD-18
(p. 457)
SMU315W
DIFFUSE
DIVERGENT
130 mm
2 m
EGCD-20
(p. 435)
BPD-19
(p. 457)
SMU315CV
CONVERGENT
16 mm
2 m
EGCC-26
(p. 438)
BPC-26
(p. 460)
SMU315CV2
43 mm
2 m
EGCC-27
(p. 438)
BPC-27
(p. 460)
Opposed, Retroreflective,
Diffuse and Convergent Models
Suffix E, EL, R, RL, LV, LP, D,
CV and CV2
12.2 mm
30.7 mm
66.8 mm
Diffuse Models
Suffix W
69.8 mm
12.2 mm
30.7 mm
Plastic Fiber Models
Suffix FP
*
Infrared LED
Visible Red LED
** For 9 m cable, add suffix W/30 to the 2 m model number (example, SMU315D W/30).
†
Retroreflective range is specified using one model BRT-3 retroreflector. Actual sensing range may differ, depending on the efficiency and reflective area of the
retroreflector used. See Accessories for more information.
12.2 mm
30.7 mm
81.0 mm
Detailed
Dimensions
Download
PDF
Glass Fiber Models
Suffix F and FV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com