Electronic Components Datasheet Search
  English  ▼

X  

S18SP6LP Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # S18SP6LP
Description  Universal photoelectric family offers 18 mm threaded lens or side mounts
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S18SP6LP Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button S18SP6LP Datasheet HTML 13Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 14Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 15Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 16Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 17Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 18Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 19Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 20Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
Compact Sensors
81
More information online at
bannerengineering.com
MINI-BEAM
® Expert™ Series
Detailed
Dimensions
MINI-BEAM
® Expert™, 10-30V dc
Models
Sensing
Mode/LED*
Range
Cable**
Output
Type
Excess
Gain
Beam
Pattern
Data
Sheet
SME312LP
P
POLAR RETRO
10 mm - 3 m
†
2 m
Bipolar
NPN/PNP
EGCR-14
(p. 431)
BPR-13
(p. 453)
55214
SME312LPQD
5-Pin Euro QD
SME312LPC***
P
POLAR RETRO
CLEAR OBJECT
1 m
2 m
EGCR-15
(p. 431)
BPR-14
(p. 453)
SME312LPCQD***
5-Pin Euro QD
SME312D
DIFFUSE
380 mm
2 m
EGCD-16
(p. 434)
BPD-15
(p. 456)
55214
SME312DQD
5-Pin Euro QD
SME312DV
DIFFUSE
1100 mm
2 m
EGCD-18
(p. 435)
BPD-17
(p. 457)
SME312DVQD
5-Pin Euro QD
SME312W
DIFFUSE
DIVERGENT
130 mm
2 m
EGCD-17
(p. 435)
BPD-16
(p. 456)
SME312WQD
5-Pin Euro QD
Simple push-button programming
or remote TEACH via wire
Dual-LED multi-function
indicators
2 m or 9 m integral
cable, or Euro-style quick
disconnect fitting
Popular 18 mm threaded
lens mount
MINI-BEAM
® Expert™ Sensors
Retroreflective, Diffuse and
Convergent Models
Suffix LV, LP, D, DV, CV, CV2,
CVG, CVB and CVW
12.2 mm
30.7 mm
51.8 mm
69.9 mm
12.2 mm
30.7 mm
Glass Fiber Models
Suffix F, FV, FVG, FVB and FVW
12.2 mm
30.7 mm
54.8 mm
Plastic Fiber Models
Suffix FP, FPG, FPB and FPW
*
Infrared LED
Visible Red LED
** For 9 m cable, add suffix W/30 to the 2 m model number (example, SME312D W/30). A model with a QD requires a mating cable (see page 382).
***NOTE: For clear object detection, sensing range varies, according to the efficiency and reflective area of the retroreflector(s) used. For these low-contrast
applications, the model BRT-2X2 reflector is recommended and is included with each SME312LPC(QD) sensor.
• For applications with high vibration, the model BRT-51x51BM, with its micro-prism geometry, is recommended.
• For long-range applications, the BRT-77X77C reflector provides a range up to 2 m.
• SME312LPC(QD) are for use with corner cube type reflectors only; reflective tape is not recommended. See page 391 for more information.
†
NOTE: Retroreflective range is specified using one model BRT-3 retroreflector, unless otherwise noted. Actual sensing range may differ, depending on the efficiency
and reflective area of the retroreflector used. See Accessories section for more information.
12.2 mm
30.7 mm
66.0 mm
Diffuse Models
Suffix W
Download
PDF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com