Electronic Components Datasheet Search
  English  ▼

X  

S18SP6LP Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # S18SP6LP
Description  Universal photoelectric family offers 18 mm threaded lens or side mounts
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S18SP6LP Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button S18SP6LP Datasheet HTML 8Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 9Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 10Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 11Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 12Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 13Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 14Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 15Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
Compact Sensors
76
More information online at
bannerengineering.com
MINI-BEAM
® Series
MINI-BEAM
®, 10-30V dc
Models
Sensing
Mode/LED*
Range
Cable**
Output
Type
Excess
Gain
Beam
Pattern
Data
Sheet
SM31E Emitter
OPPOSED
3 m
2 m
Bipolar
NPN/PNP
EGCO-10
(p. 428)
BPO-10
(p. 450)
03560
SM31EQD Emitter
4-Pin Euro QD
SM31R
2 m
SM31RQD
4-Pin Euro QD
SM31EL Emitter
30 m
2 m
EGCO-11
(p. 428)
BPO-11
(p. 450)
SM31ELQD Emitter
4-Pin Euro QD
SM31RL
2 m
SM31RLQD
4-Pin Euro QD
SM31EPD Emitter
OPPOSED
CLEAR PLASTIC
0.3 m
2 m
See Note Below***
03458
SM31RPD Emitter
SM31EPDQD
4-Pin Euro QD
SM31RPDQD
SM312LV
RETRO
5 m
†
2 m
EGCR-11
(p. 431)
BPR-10
(p. 453)
03562
SM312LVQD
4-Pin Euro QD
SM312LVAG
P
POLAR RETRO
50 mm - 2 m
†
2 m
EGCR-12
(p. 431)
BPR-11
(p. 453)
SM312LVAGQD
4-Pin Euro QD
SM312LP
P
POLAR RETRO
10 mm - 3 m
†
2 m
EGCR-13
(p. 431)
BPR-12
(p. 453)
SM312LPQD
4-Pin Euro QD
SM312D
DIFFUSE
380 mm
2 m
EGCD-13
(p. 434)
BPD-12
(p. 456)
03366
SM312DQD
4-Pin Euro QD
SM312DBZ
300 mm
2 m
EGCD-14
(p. 434)
BPD-13
(p. 456)
03564
SM312DBZQD
4-Pin Euro QD
SM312W
DIFFUSE
DIVERGENT
130 mm
2 m
EGCD-15
(p. 434)
BPD-14
(p. 456)
SM312WQD
4-Pin Euro QD
SM312C
CONVERGENT
16 mm
2 m
EGCC-13
(p. 437)
BPC-13
(p. 459)
69943
SM312CQD
4-Pin Euro QD
SM312C2
43 mm
2 m
EGCC-14
(p. 437)
BPC-14
(p. 459)
SM312C2QD
4-Pin Euro QD
SM312CV
CONVERGENT
16 mm
2 m
EGCC-15
(p. 437)
BPC-15
(p. 459)
03365
SM312CVQD
4-Pin Euro QD
SM312CV2
43 mm
2 m
EGCC-16
(p. 437)
BPC-16
(p. 459)
SM312CV2QD
4-Pin Euro QD
SM312CVG
CONVERGENT
16 mm
2 m
EGCC-17
(p. 438)
BPC-17
(p. 460)
50975
SM312CVGQD
4-Pin Euro QD
SM312CV2G
49 mm
2 m
EGCC-18
(p. 438)
BPC-18
(p. 460)
SM312CV2GQD
4-Pin Euro QD
SM312CVB
CONVERGENT
16 mm
2 m
EGCC-19
(p. 438)
BPC-19
(p. 460)
49290
SM312CVBQD
4-Pin Euro QD
SM312CV2B
49 mm
2 m
EGCC-20
(p. 438)
BPC-20
(p. 460)
SM312CV2BQD
4-Pin Euro QD
EXTENDED RANGE
*
Infrared LED
Visible Red LED
Visible Green LED
Visible Blue LED
** For 9 m cable, add suffix W/30 to the 2 m model number (example, SM312D W/30). A model with a QD requires a mating cable (see page 380).
***Actual range depends on light transmission through the plastic being sensed. Some clear plastic materials may not be detected. When in doubt, ask your Banner
representative to evaluate material samples.
†
Retroreflective range is specified using one model BRT-3 retroreflector. Actual sensing range may differ, depending on the efficiency and reflective area of the
retroreflector used. See Accessories for more information.
Download
PDF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com