Electronic Components Datasheet Search
  English  ▼

X  

S18SP6LP Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # S18SP6LP
Description  Universal photoelectric family offers 18 mm threaded lens or side mounts
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S18SP6LP Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button S18SP6LP Datasheet HTML 12Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 13Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 14Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 15Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 16Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 17Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 18Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 19Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
Compact Sensors
80
More information online at
bannerengineering.com
MINI-BEAM
® Series
MINI-BEAM
® AC Specifications
Supply Voltage and Current
24 to 240V ac (50/60 Hz), 250V ac max
Supply Protection Circuitry
Protected against transient voltages
Output Configuration
SPST SCR solid-state relay (light/dark operate selectable); 2-wire hookup
Output Rating
Min. load current 5 mA; max. steady-state load capability 300 mA to 50° C ambient
100 mA to 70° C ambient
Inrush capability: 3 amps for 1 second (non repetitive); 10 amps for 1 cycle (non repetitive)
Off-state leakage current: less than 1.7 mA rms
On-state voltage drop:
≤ 5 volts at 300 mA load, ≤ 10 volts at 15 mA load
Output Protection Circuitry
Protected against false pulse on power-up
Output Response Time
Opposed Mode: 2 milliseconds on and 1 millisecond off;
Non-Polarized and Polarized Retroreflective, Convergent, Plastic Fiber Optic: 4 milliseconds on and off;
Diffuse and Glass Fiber Optic: 8 milliseconds on and off
“OFF” response time specification does not include load response of up to ½ ac cycle (8.3 milliseconds).
Response time specification of load should be considered when important.
NOTE: 300 millisecond delay on power-up.
Repeatability
Opposed: 0.3 milliseconds
Non-Polarized and Polarized Retroreflective, and Convergent and Plastic Fiber Optic: 1.3 milliseconds
Diffuse and Glass Fiber Optics: 2.6 milliseconds
Response time and repeatability specifications are independent of signal strength.
Adjustments
LIGHT/DARK OPERATE select switch, and 15-turn slotted brass screw GAIN (sensitivity) adjustment potentiometer
(clutched at both ends of travel). Both controls are located on rear panel of sensor and protected by a gasketed,
clear acrylic cover.
Indicators
Red indicator LED on rear of sensor is “ON” when the load is energized
Construction
Reinforced thermoplastic polyester housing, totally encapsulated, o-ring sealing, acrylic lenses, and stainless steel screws
Environmental Rating
Meets NEMA standards 1, 2, 3, 3S, 4, 4X, 6, 12, and 13; IEC IP67
Connections
PVC-jacketed 2-conductor 2 m or 9 m cables, or 3-pin micro-style quick-disconnect (QD) fitting are available. QD
cables are ordered separately. See page 386.
Operating Conditions
Temperature: -20° to +70° C
Relative humidity: 90% at 50° C (non-condensing)
Application Notes
i)
Overload conditions can destroy ac MINI-BEAM sensors. Directly wiring sensor without load series across hot
and neutral will damage sensor (except emitter models).
ii)
Low voltage use requires careful analysis of the load to determine if the leakage current or on-state voltage of
the sensor will interfere with proper operation of the load.
iii) The false-pulse protection feature may cause momentary drop-out of the load when the sensor is wired in
series or parallel with mechanical switch contacts.
Certifications
Hookup Diagrams
Cabled Emitters: AC03 (p. 484)
All Other QD Models: AC02 (p. 484)
QD Emitters: AC04 (p. 484)
All Other Cabled Models: AC01 (p. 484)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com