Electronic Components Datasheet Search
  English  ▼

X  

S18SP6LP Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # S18SP6LP
Description  Universal photoelectric family offers 18 mm threaded lens or side mounts
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S18SP6LP Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button S18SP6LP Datasheet HTML 11Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 12Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 13Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 14Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 15Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 16Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 17Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 18Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
Compact Sensors
79
More information online at
bannerengineering.com
MINI-BEAM
® Series
MINI-BEAM
®, 24-240V ac
Models
Sensing
Mode/LED*
Range
Cable**
Output
Type
Excess
Gain
Beam
Pattern
Data
Sheet
SM2A312LV
RETRO
5 m
†
2 m
SPST
Solid-state
2-Wire
EGCR-11
(p. 431)
BPR-10
(p. 453)
03563
SM2A312LVQD
3-Pin Micro QD
SM2A312LVAG
P
POLAR RETRO
50 mm - 2
m
†
2 m
EGCR-12
(p. 431)
BPR-11
(p. 453)
SM2A312LVAGQD
3-Pin Micro QD
SM2A312LP
P
POLAR RETRO
10 mm - 3 m
†
2 m
EGCR-13
(p. 431)
BPR-12
(p. 453)
SM2A312LPQD
3-Pin Micro QD
SM2A312C
CONVERGENT
16 mm
2 m
EGCC-13
(p. 437)
BPC-13
(p. 459)
69942
SM2A312CQD
3-Pin Micro QD
SM2A312C2
43 mm
2 m
EGCC-14
(p. 437)
BPC-14
(p. 459)
SM2A312C2QD
3-Pin Micro QD
SM2A312CV
CONVERGENT
16 mm
2 m
EGCC-15
(p. 437)
BPC-15
(p. 459)
03402
SM2A312CVQD
3-Pin Micro QD
SM2A312CV2
43 mm
2 m
EGCC-16
(p. 437)
BPC-16
(p. 459)
SM2A312CV2QD
3-Pin Micro QD
SM2A312CVG
CONVERGENT
16 mm
2 m
EGCC-17
(p. 438)
BPC-17
(p. 460)
69942
SM2A312CVGQD
3-Pin Micro QD
SM2A312F
GLASS FIBER
Range varies
by sensing
mode
and fiber
optics used
2 m
EGCG-3 &
EGCG-4
(p. 444)
BPG-3 &
BPG-4
(p. 462)
03375
SM2A312FQD
3-Pin Micro QD
SM2A312FV
GLASS FIBER
2 m
EGCG-5 &
EGCG-6
(p. 444)
BPG-5 &
BPG-6
(p. 462)
69942
SM2A312FVQD
3-Pin Micro QD
SM2A312FP
PLASTIC FIBER
Range varies
by sensing
mode
and fiber
optics used
2 m
EGCP-3 &
EGCP-4
(p. 447)
BPP-3 &
BPP-4
(p. 465)
03404
SM2A312FPQD
3-Pin Micro QD
*
Infrared LED
Visible Red LED
Visible Green LED
** For 9 m cable, add suffix W/30 to the 2 m model number (example, SM2A312LP W/30). A model with a QD requires a mating cable (see page 386).
†
Retroreflective range is specified using one model BRT-3 retroreflector. Actual sensing range may differ, depending on the efficiency and reflective area of the
retroreflector used. See Accessories for more information.
(cont’d)
EXTENDED RANGE
Download
PDF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com