Electronic Components Datasheet Search
  English  ▼

X  

S18SP6LP Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # S18SP6LP
Description  Universal photoelectric family offers 18 mm threaded lens or side mounts
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S18SP6LP Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button S18SP6LP Datasheet HTML 19Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 20Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 21Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 22Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 23Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 24Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 25Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 26Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
Compact Sensors
87
More information online at
bannerengineering.com
MINI-BEAM
® NAMUR Series
MINI-BEAM
® NAMUR Specifications
Supply Voltage
5 to 15V dc (provided by the amplifier to which the sensor is connected)
Output
Constant current output:
≤ 1.2 mA in the “dark” condition and ≤ 2.1 mA in the “light” condition
Output Response Time
Opposed mode receiver: 2 milliseconds on/400 microseconds off
All other models: 5 milliseconds on/off (does not include amplifier response)
Adjustments
15-turn slotted brass screw GAIN (sensitivity) adjustment potentiometer (clutched at both ends of travel); located
on rear panel and protected by a clear gasketed acrylic cover
Indicators
Red LED Alignment Indicator Device (AID) located on rear panel lights when the sensor sees a “light” condition;
pulse rate is proportional to signal strength (the stronger the signal, the faster the pulse rate).
Construction
Reinforced thermoplastic polyester housing, totally encapsulated, o-ring sealing, acrylic lenses, and stainless steel screws
Environmental Rating
Meets NEMA standards 1, 2, 3, 3S, 4, 4X, 6, 12 and 13; IEC IP67
Connections
PVC-jacketed 2-conductor 2 m or 9 m cables, or special 4-pin Euro-style quick-disconnect (QD) fitting are available;
QD cables are ordered separately. See page 381.
Operating Conditions
Temperature: -40° to +70° C
Relative humidity: 90% at 50° C (non-condensing)
Design Standards
MIAD9 Series sensors comply with the following standards:
DIN 19 234, EN 50 014 Part 1. 1977, EN50 020 Part 7. 1977, Factory Mutual #3610 and 3611, CSA 22.2 #157-92
and 22.2 #213-M1987
Certifications
LISTED
Hookup Diagrams
SP02 (p. 489)
APPROVALS
CSA:
#LR 41887
Instrinsically Safe, with Entity for
Class I, Groups A-D
Class I, Div. 2, Groups A-D
FM:
#J.I. 5Y3A4.AX
Intrinsically Safe, with Entity for
Class I, II, III, Div. 1, Groups A-G
Class I, II, III, Div. 2, Groups A-D and G
KEMA:
#03ATEX1441X
II IG EEx ia IIC T6
ETL:
#553868



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com