Electronic Components Datasheet Search
  English  ▼

X  

S18SP6LP Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # S18SP6LP
Description  Universal photoelectric family offers 18 mm threaded lens or side mounts
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S18SP6LP Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button S18SP6LP Datasheet HTML 14Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 15Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 16Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 17Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 18Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 19Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 20Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 21Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
Compact Sensors
82
More information online at
bannerengineering.com
MINI-BEAM
® Expert™ Series
*
Infrared LED
Visible Red LED
Visible Green LED
Visible Blue LED
Visible White LED
** For 9 m cable, add suffix W/30 to the 2 m model number (example, SME312CV W/30). A model with a QD requires a mating cable (see page 382).
MINI-BEAM
® Expert™, 10-30V dc
Models
Sensing
Mode/LED*
Range
Cable**
Output
Type
Excess
Gain
Beam
Pattern
Data
Sheet
SME312CV
CONVERGENT
16 mm
2 m
Bipolar
NPN/PNP
EGCC-21
(p. 438)
BPC-21
(p. 460)
55214
SME312CVQD
5-Pin Euro QD
SME312CV2
43 mm
2 m
EGCC-22
(p. 438)
BPC-22
(p. 460)
SME312CV2QD
5-Pin Euro QD
SME312CVG
CONVERGENT
16 mm
2 m
EGCC-23
(p. 438)
BPC-23
(p. 460)
SME312CVGQD
5-Pin Euro QD
SME312CVB
CONVERGENT
16 mm
2 m
EGCC-24
(p. 438)
BPC-24
(p. 460)
SME312CVBQD
5-Pin Euro QD
SME312CVW
CONVERGENT
16 mm
2 m
EGCC-25
(p. 438)
BPC-25
(p. 460)
SME312CVWQD
5-Pin Euro QD
SME312F
GLASS FIBER
Range varies
by sensing
mode
and fiber
optics used
2 m
EGCG-9 &
EGCG-10
(p. 444)
BPG-9
& BPG-10
(p. 462)
55214
SME312FQD
5-Pin Euro QD
SME312FV
GLASS FIBER
2 m
EGCG-11 &
EGCG-12
(p. 444)
BPG-11
& BPG-12
(p. 462)
SME312FVQD
5-Pin Euro QD
SME312FVG
GLASS FIBER
2 m
EGCG-13
(p. 444)
BPG-13
(p. 462)
SME312FVGQD
5-Pin Euro QD
SME312FVB
GLASS FIBER
2 m
EGCG-14
(p. 444)
BPG-14
(p. 462)
SME312FVBQD
5-Pin Euro QD
SME312FVW
GLASS FIBER
2 m
EGCG-15
(p. 444)
BPG-15
(p. 462)
SME312FVWQD
5-Pin Euro QD
SME312FP
PLASTIC FIBER
Range varies
by sensing
mode
and fiber
optics used
2 m
EGCP-7 &
EGCP-8
(p. 447)
BPP-7
& BPP-8
(p. 465)
55214
SME312FPQD
5-Pin Euro QD
SME312FPG
PLASTIC FIBER
2 m
EGCP-9
(p. 447)
BPP-9
(p. 465)
SME312FPGQD
5-Pin Euro QD
SME312FPB
PLASTIC FIBER
2 m
EGCP-10
(p. 447)
BPP-10
(p. 465)
SME312FPBQD
5-Pin Euro QD
SME312FPW
PLASTIC FIBER
2 m
EGCP-11
(p. 447)
BPP-11
(p. 465)
SME312FPWQD
5-Pin Euro QD
(cont’d)
Download
PDF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com