Electronic Components Datasheet Search
  English  ▼

X  

S18SP6LP Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers

Part # S18SP6LP
Description  Universal photoelectric family offers 18 mm threaded lens or side mounts
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S18SP6LP Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button S18SP6LP Datasheet HTML 31Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 32Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 33Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 34Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 35Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 36Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 37Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 38Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 39Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 42 page
background image
Compact Sensors
99
More information online at
bannerengineering.com
T18 Series
T18, 10-30V dc
Models
Sensing
Mode/LED*
Range
Cable**
Output
Type
Excess
Gain
Beam
Pattern
Data
Sheet
T186E Emitter
OPPOSED
20 m
2 m
–
EGCO-18
(p. 429)
BPO-18
(p. 451)
116163
T186EQ Emitter
4-Pin Euro QD
T18SN6R
2 m
NPN
T18SN6RQ
4-Pin Euro QD
T18SP6R
2 m
PNP
T18SP6RQ
4-Pin Euro QD
T18SN6L
RETRO
2 m
†
2 m
NPN
EGCR-25
(p. 432)
BPR-24
(p. 454)
T18SN6LQ
4-Pin Euro QD
T18SP6L
2 m
PNP
T18SP6LQ
4-Pin Euro QD
T18SN6LP
P
POLAR RETRO
2 m
†
2 m
NPN
EGCR-26
(p. 432)
BPR-25
(p. 454)
T18SN6LPQ
4-Pin Euro QD
T18SP6LP
2 m
PNP
T18SP6LPQ
4-Pin Euro QD
T18SN6FF25
FIXED-FIELD
0 - 25 mm
Cutoff
2 m
NPN
EGCF-12
(p. 441)
—
T18SN6FF25Q
4-Pin Euro QD
T18SP6FF25
2 m
PNP
T18SP6FF25Q
4-Pin Euro QD
T18SN6FF50
0 - 50 mm
Cutoff
2 m
NPN
EGCF-13
(p. 441)
—
T18SN6FF50Q
4-Pin Euro QD
T18SP6FF50
2 m
PNP
T18SP6FF50Q
4-Pin Euro QD
T18SN6FF100
0 - 100 mm
Cutoff
2 m
NPN
EGCF-14
(p. 441)
—
T18SN6FF100Q
4-Pin Euro QD
T18SP6FF100
2 m
PNP
T18SP6FF100Q
4-Pin Euro QD
T18SN6D
DIFFUSE
500 mm
2 m
NPN
EGCD-29
(p. 435)
BPD-28
(p. 457)
T18SN6DQ
4-Pin Euro QD
T18SP6D
2 m
PNP
T18SP6DQ
4-Pin Euro QD
*
Infrared LED
Visible Red LED
** For 9 m cable, add suffix W/30 to the 2 m model number (example, T18SN6L W/30). A model with a QD requires a mating cable (see page 380).
†
Retroreflective range is specified using one model BRT-3 retroreflector. Actual sensing range may differ, depending on the efficiency and reflective area of the
retroreflector used. See Accessories for more information.
Download
PDF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com