Electronic Components Datasheet Search
  English  ▼

X  

S18SP6LP Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # S18SP6LP
Description  Universal photoelectric family offers 18 mm threaded lens or side mounts
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S18SP6LP Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button S18SP6LP Datasheet HTML 22Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 23Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 24Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 25Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 26Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 27Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 28Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 29Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
Compact Sensors
90
More information online at
bannerengineering.com
Q23 Series
Download
PDF
Q23 and QH23, 10-30V dc
Models
Sensing
Mode/LED*
Range
Cable**
Output
Type
Excess
Gain
Beam
Pattern
Data
Sheet
Q23SN6CV50
CONVERGENT
50 mm
2 m
NPN
EGCC-30
(p. 438)
BPC-30
(p. 460)
46637
QH23SN6CV50
Q23SN6CV50Q
4-pin Pico Pigtail QD
QH23SN6CV50Q
Q23SP6CV50
2 m
PNP
QH23SP6CV50
Q23SP6CV50Q
4-pin Pico Pigtail QD
QH23SP6CV50Q
Q23SN6FP
PLASTIC FIBER
Range varies
by sensing
mode and
fiber optics
used
2 m
NPN
EGCP-14 &
EGCP-15
(p. 447)
BPP-14 &
BP-15
(p. 465)
46637
QH23SN6FP
Q23SN6FPQ
4-pin Pico Pigtail QD
QH23SN6FPQ
Q23SP6FP
2 m
PNP
QH23SP6FP
Q23SP6FPQ
4-pin Pico Pigtail QD
QH23SP6FPQ
Q23SN6FPY
PLASTIC FIBER
2 m
NPN
EGCP-16
(p. 447) &
EGCP-17
(p. 448)
BPP-16
(p. 465) &
BPP-17
(p. 466)
QH23SN6FPY
Q23SN6FPYQ
4-pin Pico Pigtail QD
QH23SN6FPYQ
Q23SP6FPY
2 m
PNP
QH23SP6FPY
Q23SP6FPYQ
4-pin Pico Pigtail QD
QH23SP6FPYQ
*
Visible Red LED
**
For 9 m cable, add suffix W/30 to the 2 m model number (example, Q23SN6CV50 W/30). A model with a pigtail QD requires a mating cable (see page 378).
Q23 and QH23 Specifications
Supply Voltage and Current
10 to 30V dc (10% max. ripple) at less than 25 mA for diffuse, Retroreflective, and fiber optic models (exclusive of load)
Opposed emitters and receivers draw 20 mA each
Supply Protection Circuitry
Protected against reverse polarity and transient voltages
Output Configuration
Solid-state complementary (SPDT) dc switch; NPN (current sinking) or PNP (current sourcing), depending on model.
The Dark Operate (DO) output may be wired as a normally open marginal signal alarm output, depending upon
hookup to the power supply.
Output Rating
150 mA max. each in standard hookup; when wired for alarm output, the total load may not exceed 150 mA
Off-state leakage current: less than 1 mA at 30V dc
Output saturation voltage: less than 1 volt at 10 mA dc; less than 1.5V at 150 mA dc
Output Protection Circuitry
Protected against false pulse on power-up, transient voltages, and continuous overload or short-circuit of outputs
Output Response Time
All other models: 1 millisecond ON/OFF
Q23FPQ high-speed models: 100 microsecond ON/OFF; protected against false pulse on power-up
NOTE: 100 millisecond delay on power-up: outputs do not conduct during this time.
Standard Speed:1 ms
High Speed:100 µs
(cont’d)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com