Electronic Components Datasheet Search
  English  ▼

X  

S18SP6LP Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # S18SP6LP
Description  Universal photoelectric family offers 18 mm threaded lens or side mounts
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S18SP6LP Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button S18SP6LP Datasheet HTML 4Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 5Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 6Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 7Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 8Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 9Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 10Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 11Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
Compact Sensors
72
More information online at
bannerengineering.com
WORLD-BEAM
® QS18 Series
Bright LED status indicators
visible from 360°
Simple push-button
programming
Optional 18 mm
threaded lens
mount on some
models
WORLD-BEAM
® QS18 Expert and Ultrasonic Sensors
21.0 mm
35.0 mm
15.0 mm
Diffuse Models
Suffix DB and W
WORLD-BEAM
® QS18 Expert™, 10-30V dc
Models
Sensing
Mode/LED*
Range
Cable**
Output
Type
Excess
Gain
Beam
Pattern
Data
Sheet
QS18EN6LP
P
POLAR RETRO
3.5 m
†
2 m
NPN
EGCR-10
(p. 431)
BPR-9
(p. 453)
69948
QS18EN6LPQ8
4-pin Euro QD
QS18EP6LP
2 m
PNP
QS18EP6LPQ8
4-pin Euro QD
QS18EN6CV15
CONVERGENT
16 mm
2 m
NPN
EGCC-11
(p. 437)
BPC-11
(p. 459)
QS18EN6CV15Q8
4-pin Euro QD
QS18EP6CV15
2 m
PNP
QS18EP6CV15Q8
4-pin Euro QD
QS18EN6CV45
43 mm
2 m
NPN
EGCC-12
(p. 437)
BPC-12
(p. 459)
QS18EN6CV45Q8
4-pin Euro QD
QS18EP6CV45
2 m
PNP
QS18EP6CV45Q8
4-pin Euro QD
QS18EN6D
DIFFUSE
800 mm
2 m
NPN
EGCD-10
(p. 434)
BPD-9
(p. 456)
QS18EN6DQ8
4-pin Euro QD
QS18EP6D
2 m
PNP
QS18EP6DQ8
4-pin Euro QD
QS18EN6DB
500 mm
2 m
NPN
EGCD-11
(p. 434)
BPD-10
(p. 456 )
QS18EN6DBQ8
4-pin Euro QD
QS18EP6DB
2 m
PNP
QS18EP6DBQ8
4-pin Euro QD
31.0 mm
35.0 mm
15.0 mm
Retroreflective, Convergent and Diffuse Models
Suffix LP, CV15, CV45 and D
*
Infrared LED
Visible Red LED
** For 9 m cable, add suffix W/30 to the 2 m model number (example, QS18EN6LP W/30). A model with a QD requires a mating cable (see pages 378 and 380).
QD models:
• For 4-pin integral Euro-style QD, add suffix Q8 (example, QS18EN6LPQ8).
• For 4-pin 150 mm Euro-style pigtail, add suffix Q5 (example, QS18EN6LPQ5).
• For 4-pin integral Pico-style QD, add suffix Q7 (example, QS18EN6LPQ7).
• For 4-pin 150 mm Pico-style pigtail, add suffix Q (example, QS18EN6LPQ).
†
Retroreflective range is specified using one model BRT-84 retroreflector. Actual sensing range may differ, depending on the efficiency and reflective area of the
retroreflector used. See Accessories for more information.
Detailed
Dimensions
Download
PDF
Programming
Button
31.0 mm
35.0 mm
15.0 mm
QPMA
YL
E • P
IGTAIL • PU
R
CALL FACTORY
33.5 mm
15.0 mm
35.0 mm
Ultrasonic Models
Suffix NA and PA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com