Electronic Components Datasheet Search
  English  ▼

X  

S18SP6LP Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # S18SP6LP
Description  Universal photoelectric family offers 18 mm threaded lens or side mounts
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S18SP6LP Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button S18SP6LP Datasheet HTML 28Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 29Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 30Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 31Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 32Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 33Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 34Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 35Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
Compact Sensors
96
More information online at
bannerengineering.com
S18/M18 Series
S18, 20-250V ac
Models
Sensing
Mode/LED*
Range
Cable**
Output
Type
Excess
Gain
Beam
Pattern
Data
Sheet
S183E Emitter
OPPOSED
20 m
2 m
—
EGCO-16
(p. 428)
BPO-16
(p. 450)
116160
S183EQ1 Emitter
4-Pin Micro QD
S18AW3R
2 m
LO
S18AW3RQ1
4-Pin Micro QD
S18RW3R
2 m
DO
S18RW3RQ1
4-Pin Micro QD
S18AW3L
RETRO
2 m
†
2 m
LO
EGCR-21
(p. 432)
BPR-20
(p. 454)
S18AW3LQ1
4-Pin Micro QD
S18RW3L
2 m
DO
S18RW3LQ1
4-Pin Micro QD
S18AW3LP
P
POLAR RETRO
2 m
†
2 m
LO
EGCR-22
(p. 432)
BPR-21
(p. 454)
S18AW3LPQ1
4-Pin Micro QD
S18RW3LP
2 m
DO
S18RW3LPQ1
4-Pin Micro QD
S18AW3FF25
FIXED-FIELD
0 - 25 mm
Cutoff
2 m
LO
EGCF-6
(p. 441)
—
S18AW3FF25Q1
4-Pin Micro QD
S18RW3FF25
2 m
DO
S18RW3FF25Q1
4-Pin Micro QD
S18AW3FF50
0 - 50 mm
Cutoff
2 m
LO
EGCF-7
(p. 441)
—
S18AW3FF50Q1
4-Pin Micro QD
S18RW3FF50
2 m
DO
S18RW3FF50Q1
4-Pin Micro QD
S18AW3FF100
0 - 100 mm
Cutoff
2 m
LO
EGCF-8
(p. 441)
—
S18AW3FF100Q1
4-Pin Micro QD
S18RW3FF100
2 m
DO
S18RW3FF100Q1
4-Pin Micro QD
18 mm thermoplastic polyester
threaded barrel sensor
Dual LED indicators
20 to 250V ac (3-wire
hookup)
SPST solid-state switch output,
maximum load 300 mA
S18 AC Sensors
86.3 mm
S18 Polarized Retroreflective
and Fixed-field models
Suffix LP and FF
S18 Opposed, Non-polarized
Retroreflective and Diffuse models
Suffix E, R, L and D
*
Infrared LED
Visible Red LED
** For 9 m cable, add suffix W/30 to the 2 m model number (example, S18AW3LP W/30). A model with a QD requires a mating cable (see page 386).
†
Retroreflective range is specified using one model BRT-3 retroreflector. Actual sensing range may differ, depending on the efficiency and reflective area of the
retroreflector used. See Accessories for more information.
85.3 mm
ø 18.0 mm
Detailed
Dimensions
Download
PDF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com