Electronic Components Datasheet Search
  English  ▼

X  

S18SP6LP Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # S18SP6LP
Description  Universal photoelectric family offers 18 mm threaded lens or side mounts
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S18SP6LP Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button S18SP6LP Datasheet HTML 20Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 21Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 22Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 23Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 24Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 25Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 26Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 27Page - List of Unclassifed Manufacturers S18SP6LP Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
Compact Sensors
88
More information online at
bannerengineering.com
Dual-LED multi-function indicators
Two housing styles
2 m or 9 m integral cable, or
150 mm Pico-style quick-
disconnect pigtail
Q23 and QH23 Sensors
CONVERGENT
DIFFUSE
PLASTIC FIBER
P
POLAR RETRO
OPPOSED
25.5 mm
34.0 mm
12.0 mm
Q23 Convergent Models
Suffix CV
34.0 mm
12.0 mm
27.1 mm
Q23 Plastic Fiber Optic Models
Suffix FP and FPY
12.0 mm
36.5 mm
23.0 mm
QH23 Convergent Models
Suffix CV
12.0 mm
38.1 mm
23.0 mm
QH23 Plastic Fiber Optic Models
Suffix FP and FPY
Opposed, Retroreflective and Diffuse Models
Suffix E, R, LP and D
23.0 mm
34.0 mm
12.0 mm
34.0 mm
23.0 mm
12.0 mm
Detailed
Dimensions
REFLECTORS
PAGE 391
BRACKETS
PAGE 350
QD CABLES
PAGE 378
4-Pin Pico
Vertical and Horizontal
Rectangular Sensors
• Available with vertical and horizontal housings
• Delivers high power in a small package
• Features ranges up to 8 m
• Uses a powerful visible red sensing beam for easy
setup and alignment
• Offered in opposed, polarized retroreflective,
convergent, diffuse and plastic fiber optic modes
• Features marginal gain indicator with alarm output
Q23 and QH23
Q23 Series
APERTURES
PAGE 406



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com