Electronic Components Datasheet Search
  English  ▼

X  

28F128 Datasheet(PDF) 1 Page - Intel Corporation

Part # 28F128
Description  3 Volt Intel StrataFlash Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F128 Datasheet(HTML) 1 Page - Intel Corporation

  28F128 Datasheet HTML 1Page - Intel Corporation 28F128 Datasheet HTML 2Page - Intel Corporation 28F128 Datasheet HTML 3Page - Intel Corporation 28F128 Datasheet HTML 4Page - Intel Corporation 28F128 Datasheet HTML 5Page - Intel Corporation 28F128 Datasheet HTML 6Page - Intel Corporation 28F128 Datasheet HTML 7Page - Intel Corporation 28F128 Datasheet HTML 8Page - Intel Corporation 28F128 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
3 Volt Intel® StrataFlash™ Memory
28F128J3A, 28F640J3A, 28F320J3A (x8/x16)
Preliminary Datasheet
Product Features
Capitalizing on Intel’s 0.25 µ generation two-bit-per-cell technology, second generation Intel
®
StrataFlash™ memory products provide 2X the bits in 1X the space, with new features for mainstream
performance. Offered in 128-Mbit (16-Mbyte), 64-Mbit, and 32-Mbit densities, these devices bring
reliable, two-bit-per-cell storage technology to the flash market segment.
Benefits include: more density in less space, high-speed interface, lowest cost-per-bit NOR devices,
support for code and data storage, and easy migration to future devices.
Using the same NOR-based ETOX™ technology as Intel’s one-bit-per-cell products, Intel StrataFlash
memory devices take advantage of over one billion units of manufacturing experience since 1987. As a
result, Intel StrataFlash components are ideal for code and data applications where high density and low
cost are required. Examples include networking, telecommunications, digital set top boxes, audio
recording, and digital imaging.
By applying FlashFile™ memory family pinouts, Intel StrataFlash memory components allow easy design
migrations from existing Word-Wide FlashFile memory (28F160S3 and 28F320S3), and first generation
Intel StrataFlash memory (28F640J5 and 28F320J5) devices.
Intel StrataFlash memory components deliver a new generation of forward-compatible software support.
By using the Common Flash Interface (CFI) and the Scalable Command Set (SCS), customers can take
advantage of density upgrades and optimized write capabilities of future Intel StrataFlash memory devices.
Manufactured on Intel
® 0.25 micron ETOX™ VI process technology, Intel StrataFlash memory provides
the highest levels of quality and reliability.
s
High-Density Symmetrically-Blocked
Architecture
— 128 128-Kbyte Erase Blocks (128 M)
—
64 128-Kbyte Erase Blocks (64 M)
— 32 128-Kbyte Erase Blocks (32 M)
s
High Performance Interface Asynchronous
Page Mode Reads
— 110/25 ns Read Access Time (32 M)
— 120/25 ns Read Access Time (64 M)
— 150/25 ns Read Access Time (128 M)
s
2.7 V–3.6 V VCC Operation
s
128-bit Protection Register
— 64-bit Unique Device Identifier
— 64-bit User Programmable OTP Cells
s
Enhanced Data Protection Features
Absolute Protection with VPEN = GND
— Flexible Block Locking
— Block Erase/Program Lockout during
Power Transitions
s
Packaging
— 56-Lead TSOP Package
— 64-Ball Intel® Easy BGA Package
s
Cross-Compatible Command Support Intel
Basic Command Set
— Common Flash Interface
— Scalable Command Set
s
32-Byte Write Buffer
— 6 µs per Byte Effective Programming
Time
s
12.8M Total Min. Erase Cycles (128 Mbit)
6.4M Total Min. Erase Cycles (64 Mbit)
3.2M Total Min. Erase Cycles (32 Mbit)
— 100K Minimum Erase Cycles per Block
s
Automation Suspend Options
— Block Erase Suspend to Read
— Block Erase Suspend to Program
— Program Suspend to Read
s
0.25 µ Intel® StrataFlash™ Memory
Technology
Order Number: 290667-008
April 2001
Notice: This document contains preliminary information on new products in production. The
specifications are subject to change without notice. Verify with your local Intel sales office that
you have the latest datasheet before finalizing a design.


Similar Part No. - 28F128

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F128L18 INTEL-28F128L18 Datasheet
1Mb / 106P
StrataFlash Wireless Memory
logo
Numonyx B.V
28F128L18 NUMONYX-28F128L18 Datasheet
1Mb / 106P
StrataFlash Wireless Memory
logo
Intel Corporation
28F128L30 INTEL-28F128L30 Datasheet
1Mb / 100P
1.8 Volt Intel StrataFlash짰 Wireless Memory with 3.0-Volt I/O (L30)
logo
Numonyx B.V
28F128L30 NUMONYX-28F128L30 Datasheet
1Mb / 102P
StrataFlash짰 Wireless Memory
logo
Intel Corporation
28F128W18 INTEL-28F128W18 Datasheet
1Mb / 100P
Intel짰 Wireless Flash Memory
More results

Similar Description - 28F128

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F640C3 INTEL-28F640C3 Datasheet
177Kb / 18P
3 Volt Intel Advanced Boot Block Flash Memory
TE28F256J3C INTEL-TE28F256J3C Datasheet
905Kb / 72P
Intel StrataFlash Memory (J3)
28F640P3 INTEL-28F640P3 Datasheet
1Mb / 102P
Intel StrataFlash Embedded Memory
28F640L18 INTEL-28F640L18 Datasheet
1Mb / 106P
StrataFlash Wireless Memory
logo
Numonyx B.V
28F128L18 NUMONYX-28F128L18 Datasheet
1Mb / 106P
StrataFlash Wireless Memory
306666-11 NUMONYX-306666-11 Datasheet
1Mb / 99P
Numonyx StrataFlash Embedded Memory
313295-04 NUMONYX-313295-04 Datasheet
1Mb / 98P
Numonyx StrataFlash Wireless Memory
logo
Intel Corporation
28F320J5 INTEL-28F320J5_02 Datasheet
617Kb / 51P
5 Volt Intel StrataFlash짰 Memory
logo
Micron Technology
JS28F256P30B95A MICRON-JS28F256P30B95A Datasheet
1Mb / 97P
Numonyx StrataFlash Embedded Memory
JS28F256P33BFE MICRON-JS28F256P33BFE Datasheet
1Mb / 90P
NumonyxTM StrataFlash Embedded Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com