Electronic Components Datasheet Search
  English  ▼

X  

28F128 Datasheet(PDF) 47 Page - Intel Corporation

Part # 28F128
Description  3 Volt Intel StrataFlash Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F128 Datasheet(HTML) 47 Page - Intel Corporation

Back Button 28F128 Datasheet HTML 43Page - Intel Corporation 28F128 Datasheet HTML 44Page - Intel Corporation 28F128 Datasheet HTML 45Page - Intel Corporation 28F128 Datasheet HTML 46Page - Intel Corporation 28F128 Datasheet HTML 47Page - Intel Corporation 28F128 Datasheet HTML 48Page - Intel Corporation 28F128 Datasheet HTML 49Page - Intel Corporation 28F128 Datasheet HTML 50Page - Intel Corporation 28F128 Datasheet HTML 51Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 58 page
background image
28F128J3A, 28F640J3A, 28F320J3A
Preliminary
41
6.2
Operating Conditions
6.3
Capacitance
TA = +25 °C, f = 1 MHz
NOTES:
1. Sampled, not 100% tested.
Table 22. Temperature and VCC Operating Conditions
Symbol
Parameter
Notes
Min
Max
Unit
Test Condition
TA
Operating Temperature
–25
+85
°C
Ambient Temperature
VCC1
VCC1 Supply Voltage (2.7 V−3.6 V)
2.70
3.60
V
VCC2
VCC2 Supply Voltage (3.0 V−3.6 V)
3.00
3.60
V
VCCQ1
VCCQ1 Supply Voltage (2.7 V−3.6 V)
2.70
3.60
V
VCCQ2
VCCQ2 Supply Voltage (3.0 V−3.6 V)
3.00
3.60
V
Symbol
Parameter(1)
Typ
Max
Unit
Condition
CIN
Input Capacitance
6
8
pF
VIN = 0.0 V
COUT
Output Capacitance
8
12
pF
VOUT = 0.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com