Electronic Components Datasheet Search
  English  ▼

X  

28F128 Datasheet(PDF) 41 Page - Intel Corporation

Part # 28F128
Description  3 Volt Intel StrataFlash Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F128 Datasheet(HTML) 41 Page - Intel Corporation

Back Button 28F128 Datasheet HTML 37Page - Intel Corporation 28F128 Datasheet HTML 38Page - Intel Corporation 28F128 Datasheet HTML 39Page - Intel Corporation 28F128 Datasheet HTML 40Page - Intel Corporation 28F128 Datasheet HTML 41Page - Intel Corporation 28F128 Datasheet HTML 42Page - Intel Corporation 28F128 Datasheet HTML 43Page - Intel Corporation 28F128 Datasheet HTML 44Page - Intel Corporation 28F128 Datasheet HTML 45Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 58 page
background image
28F128J3A, 28F640J3A, 28F320J3A
Preliminary
35
0606_11b
Figure 12. Set Block Lock-Bit Flowchart
Start
Write 60H,
Block Address
Write 01H,
Block Address
Read Status Register
SR.7 =
Full Status
Check if Desired
Set Lock-Bit Complete
FULL STATUS CHECK PROCEDURE
Bus
Operation
Write
1
0
Command
Set Block Lock-Bit
Setup
Comments
Data = 60H
Addr =Block Address
Read Status Register
Data (See Above)
Voltage Range Error
SR.3 =
1
0
Command Sequence
Error
SR.4,5 =
1
0
Set Lock-Bit Error
SR.4 =
1
0
Set Lock-Bit
Successful
Bus
Operation
Standby
Command
Comments
Check SR.3
1 = Programming Voltage Error
Detect
SR.5, SR.4 and SR.3 are only cleared by the Clear Status Register
command, in cases where multiple lock-bits are set before full status is
checked.
If an error is detected, clear the status register before attempting retry
or other error recovery.
Standby
Check SR.4, 5
Both 1 = Command Sequence
Error
Standby
Check SR.4
1 = Set Lock-Bit Error
Write
Set Block Lock-Bit
Confirm
Data = 01H
Addr = Block Address
Standby
Repeat for subsequent lock-bit operations.
Full status check can be done after each lock-bit set operation or after
a sequence of lock-bit set operations.
Write FFH after the last lock-bit set operation to place device in read
array mode.
Check SR.7
1 = WSM Ready
0 = WSM Busy
Read
Status Register Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com