Electronic Components Datasheet Search
  English  ▼

X  

28F128 Datasheet(PDF) 36 Page - Intel Corporation

Part # 28F128
Description  3 Volt Intel StrataFlash Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F128 Datasheet(HTML) 36 Page - Intel Corporation

Back Button 28F128 Datasheet HTML 32Page - Intel Corporation 28F128 Datasheet HTML 33Page - Intel Corporation 28F128 Datasheet HTML 34Page - Intel Corporation 28F128 Datasheet HTML 35Page - Intel Corporation 28F128 Datasheet HTML 36Page - Intel Corporation 28F128 Datasheet HTML 37Page - Intel Corporation 28F128 Datasheet HTML 38Page - Intel Corporation 28F128 Datasheet HTML 39Page - Intel Corporation 28F128 Datasheet HTML 40Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 58 page
background image
28F128J3A, 28F640J3A, 28F320J3A
30
Preliminary
0606_07A
Figure 7. Write to Buffer Flowchart
Start
Write Word or Byte
Count, Block Address
Write Buffer Data,
Start Address
X = 0
X = X + 1
Write Next Buffer Data,
Device Address
Abort Write to
Buffer Command?
Check
X = N?
Another Write to
Buffer?
Read Status Register
SR.7 =
Programming
Complete
Read Extended
Status Register
XSR.7 =
1
No
Yes
No
No
1
Write to Buffer
Aborted
Yes
No
Yes
Full Status
Check if Desired
Program Buffer to Flash
Confirm D0H
Issue Write to Buffer
Command E8H, Block
Address
Write to Another
Block Address
Write to
Buffer Time-Out?
0
Set Time-Out
Issue Read
Status Command
Yes
Bus
Operation
Command
Comments
Write
Write to Buffer
Data = E8H
Block Address
Read
XSR. 7 = Valid
Addr = Block Address
Standby
Check XSR. 7
1 = Write Buffer Available
0 = Write Buffer Not Available
Write
(Note 1, 2)
Data = N = Word/Byte Count
N = 0 Corresponds to Count = 1
Addr = Block Address
Write
(Note 3, 4)
Data = Write Buffer Data
Addr = Device Start Address
Write
(Note 5, 6)
Data = Write Buffer Data
Addr = Device Address
Write
Program Buffer
to Flash
Confirm
Data = D0H
Addr = Block Address
Read
(Note 7)
Status Register Data with the
Device Enabled, OE# Low
Updates SR
Addr = Block Address
Standby
Check SR.7
1 = WSM Ready
0 = WSM Busy
1. Byte or word count values on DQ
0 - DQ7 are loaded into the
count register. Count ranges on this device for byte mode are N
= 00H to 1FH and for word mode are N = 0000H to 000FH.
2. The device now outputs the status register when read (XSR is
no longer available).
3. Write Buffer contents will be programmed at the device start
address or destination flash address.
4. Align the start address on a Write Buffer boundary for
maximum programming performance (i.e., A
4 - A0 of the start
address = 0).
5. The device aborts the Write to Buffer command if the current
address is outside of the original block address.
6. The status register indicates an "improper command
sequence" if the Write to Buffer command is aborted. Follow this
with a Clear Status Register command.
7. Toggling OE# (low to high to low) updates the status register.
This can be done in place of issuing the Read Status Register
command.
Full status check can be done after all erase and write sequences
complete. Write FFH after the last operation to reset the device to
read array mode.
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com