Electronic Components Datasheet Search
  English  ▼

X  

28F128 Datasheet(PDF) 48 Page - Intel Corporation

Part # 28F128
Description  3 Volt Intel StrataFlash Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F128 Datasheet(HTML) 48 Page - Intel Corporation

Back Button 28F128 Datasheet HTML 44Page - Intel Corporation 28F128 Datasheet HTML 45Page - Intel Corporation 28F128 Datasheet HTML 46Page - Intel Corporation 28F128 Datasheet HTML 47Page - Intel Corporation 28F128 Datasheet HTML 48Page - Intel Corporation 28F128 Datasheet HTML 49Page - Intel Corporation 28F128 Datasheet HTML 50Page - Intel Corporation 28F128 Datasheet HTML 51Page - Intel Corporation 28F128 Datasheet HTML 52Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 58 page
background image
28F128J3A, 28F640J3A, 28F320J3A
42
Preliminary
6.4
DC Characteristics
Symbol
Parameter
Notes
Typ
Max
Unit
Test Conditions
ILI
Input and VPEN Load Current
1
±1
µA
VCC = VCC Max; VCCQ = VCCQ Max
VIN = VCCQ or GND
ILO
Output Leakage Current
1
±10
µA
VCC = VCC Max; VCCQ = VCCQ Max
VIN = VCCQ or GND
ILO
Output Leakage Current
1
±10
µA
VCC = VCC Max; VCCQ = VCCQ Max
VIN = VCCQ or GND
ICCS
VCC Standby Current
1,2,3,4
50
120
µA
CMOS Inputs, VCC = VCC Max,
Device is enabled (see Table 2, “Chip
Enable Truth Table” on page 7),
RP# = VCCQ ± 0.2 V
0.71
2
mA
TTL Inputs, VCC = VCC Max,
Device is enabled (see Table 2), RP# = VIH
ICCD
VCC Power-Down Current
4
50
120
µA
RP# = GND ± 0.2 V, IOUT (STS) = 0 mA
ICCR
VCC Page Mode Read Current
1,3,4
15
20
mA
CMOS Inputs, VCC = VCC Max, VCCQ =
VCCQ Max using standard 4 word page
mode reads.
Device is enabled (see Table 2)
f = 5 MHz, IOUT = 0 mA
24
29
mA
CMOS Inputs,VCC = VCC Max, VCCQ = VCCQ
Max using standard 4 word page mode
reads.
Device is enabled (see Table 2)
f = 33 MHz, IOUT = 0 mA
ICCR
VCC Byte Mode Read Current
1,3,4
40
50
mA
CMOS Inputs, VCC = VCC Max, VCCQ =
VCCQ Max using standard word/byte single
reads
Device is enabled (see Table 2)
f = 5 MHz, IOUT = 0 mA
ICCW
VCC Program or Set Lock-Bit
Current
1,4,5
35
60
mA
CMOS Inputs, VPEN = VCC
40
70
mA
TTL Inputs, VPEN = VCC
ICCE
VCC Block Erase or Clear Block
Lock-Bits Current
1,4,5
35
70
mA
CMOS Inputs, VPEN = VCC
40
80
mA
TTL Inputs, VPEN = VCC
ICCWS
ICCES
VCC Program Suspend or Block
Erase Suspend Current
1,4,6
10
mA
Device is disabled (see Table 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com