Electronic Components Datasheet Search
  English  ▼

X  

28F128 Datasheet(PDF) 53 Page - Intel Corporation

Part # 28F128
Description  3 Volt Intel StrataFlash Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F128 Datasheet(HTML) 53 Page - Intel Corporation

Back Button 28F128 Datasheet HTML 49Page - Intel Corporation 28F128 Datasheet HTML 50Page - Intel Corporation 28F128 Datasheet HTML 51Page - Intel Corporation 28F128 Datasheet HTML 52Page - Intel Corporation 28F128 Datasheet HTML 53Page - Intel Corporation 28F128 Datasheet HTML 54Page - Intel Corporation 28F128 Datasheet HTML 55Page - Intel Corporation 28F128 Datasheet HTML 56Page - Intel Corporation 28F128 Datasheet HTML 57Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 58 page
background image
28F128J3A, 28F640J3A, 28F320J3A
Preliminary
47
6.6
AC Characteristics— Write Operations(1,2)
NOTES:
CEX low is defined as the first edge of CE0, CE1, or CE2 that enables the device. CEX high is defined at the first edge of CE0,
CE1, or CE2 that disables the device (see Table 2).
1. Read timing characteristics during block erase, program, and lock-bit configuration operations are the same
as during read-only operations. Refer to AC Characteristics–Read-Only Operations.
2. A write operation can be initiated and terminated with either CEX or WE#.
3. Sampled, not 100% tested.
4. Write pulse width (tWP) is defined from CEX or WE# going low (whichever goes low first) to CEX or WE# going
high (whichever goes high first). Hence, tWP = tWLWH = tELEH = tWLEH = tELWH. If CEX is driven low 10 ns
before WE# going low, WE# pulse width requirement decreases to tWP - 10 ns.
5. Refer to Table 4 for valid AIN and DIN for block erase, program, or lock-bit configuration.
6. Write pulse width high (tWPH) is defined from CEX or WE# going high (whichever goes high first) to CEX or
WE# going low (whichever goes low first). Hence, tWPH = tWHWL = tEHEL = tWHEL = tEHWL.
7. For array access, tAVQV is required in addition to tWHGL for any accesses after a write.
8. STS timings are based on STS configured in its RY/BY# default mode.
9. VPEN should be held at VPENH until determination of block erase, program, or lock-bit configuration success
(SR.1/3/4/5 = 0).
Versions
Valid for All
Speeds
Unit
#
Symbol
Parameter
Notes
Min
Max
W1
tPHWL (tPHEL)
RP# High Recovery to WE# (CEX) Going Low
3
1
µs
W2
tELWL (tWLEL)CEX (WE#) Low to WE# (CEX) Going Low
4
0
ns
W3
tWP
Write Pulse Width
4
70
ns
W4
tDVWH (tDVEH)
Data Setup to WE# (CEX) Going High
5
50
ns
W5
tAVWH (tAVEH)
Address Setup to WE# (CEX) Going High
5
55
ns
W6
tWHEH (tEHWH)CEX (WE#) Hold from WE# (CEX) High
10
ns
W7
tWHDX (tEHDX)
Data Hold from WE# (CEX) High
0
ns
W8
tWHAX (tEHAX)
Address Hold from WE# (CEX) High
0
ns
W9
tWPH
Write Pulse Width High
6
30
ns
W11
tVPWH (tVPEH)VPEN Setup to WE# (CEX) Going High
3
0
ns
W12
tWHGL (tEHGL)
Write Recovery before Read
7
35
ns
W13
tWHRL (tEHRL)WE# (CEX) High to STS Going Low
8
500
ns
W15
tQVVL
VPEN Hold from Valid SRD, STS Going High
3,8,9
0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com