Electronic Components Datasheet Search
  English  ▼

X  

28F128 Datasheet(PDF) 34 Page - Intel Corporation

Part # 28F128
Description  3 Volt Intel StrataFlash Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F128 Datasheet(HTML) 34 Page - Intel Corporation

Back Button 28F128 Datasheet HTML 30Page - Intel Corporation 28F128 Datasheet HTML 31Page - Intel Corporation 28F128 Datasheet HTML 32Page - Intel Corporation 28F128 Datasheet HTML 33Page - Intel Corporation 28F128 Datasheet HTML 34Page - Intel Corporation 28F128 Datasheet HTML 35Page - Intel Corporation 28F128 Datasheet HTML 36Page - Intel Corporation 28F128 Datasheet HTML 37Page - Intel Corporation 28F128 Datasheet HTML 38Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 58 page
background image
28F128J3A, 28F640J3A, 28F320J3A
28
Preliminary
device will latch in address and data and program the specified location. The allowable addresses
are shown in Table 20 or Table 21. See Figure 14, “Protection Register Programming Flowchart”
on page 37
Any attempt to address Protection Program commands outside the defined protection register
address space will result in a status register error (program error bit SR.4 will be set to 1).
Attempting to program a locked protection register segment will result in a status register error
(program error bit SR.4 and lock error bit SR.1 will be set to 1).
4.15.3
Locking the Protection Register
The user-programmable segment of the protection register is lockable by programming Bit 1 of the
PR-LOCK location to 0. Bit 0 of this location is programmed to 0 at the Intel factory to protect the
unique device number. Bit 1 is set using the Protection Program command to program “FFFD” to
the PR-LOCK location. After these bits have been programmed, no further changes can be made to
the values stored in the protection register. Protection Program commands to a locked section will
result in a status register error (program error bit SR.4 and Lock Error bit SR.1 will be set to 1).
Protection register lockout state is not reversible.
0667_06
NOTE: A0 is not used in x16 mode when accessing the protection register map (See Table 20 for x16
addressing). For x8 mode A0 is used (See Table 21 for x8 addressing).
Figure 6. Protection Register Memory Map
4 Words
Factory Programmed
4 Words
User Programmed
1 Word Lock
88H
85H
84H
81H
80H
Word
Address
A[23 - 1]: 128 Mbit
A[22 - 1]: 64 Mbit
A[21 - 1]: 32 Mbit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com