Electronic Components Datasheet Search
  English  ▼

X  

28F128 Datasheet(PDF) 46 Page - Intel Corporation

Part # 28F128
Description  3 Volt Intel StrataFlash Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F128 Datasheet(HTML) 46 Page - Intel Corporation

Back Button 28F128 Datasheet HTML 42Page - Intel Corporation 28F128 Datasheet HTML 43Page - Intel Corporation 28F128 Datasheet HTML 44Page - Intel Corporation 28F128 Datasheet HTML 45Page - Intel Corporation 28F128 Datasheet HTML 46Page - Intel Corporation 28F128 Datasheet HTML 47Page - Intel Corporation 28F128 Datasheet HTML 48Page - Intel Corporation 28F128 Datasheet HTML 49Page - Intel Corporation 28F128 Datasheet HTML 50Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 58 page
background image
28F128J3A, 28F640J3A, 28F320J3A
40
Preliminary
5.7
Power Dissipation
When designing portable systems, designers must consider battery power consumption not only
during device operation, but also for data retention during system idle time. Flash memory’s
nonvolatility increases usable battery life because data is retained when system power is removed.
6.0
Electrical Specifications
6.1
Absolute Maximum Ratings
NOTES:
1. All specified voltages are with respect to GND. Minimum DC voltage is –0.5 V on input/output pins and
–0.2 V on VCC and VPEN pins. During transitions, this level may undershoot to –2.0 V for periods <20 ns.
Maximum DC voltage on input/output pins, VCC, and VPEN is VCC +0.5 V which, during transitions, may
overshoot to VCC +2.0 V for periods <20 ns.
2. Output shorted for no more than one second. No more than one output shorted at a time.
Warning:
Stressing the device beyond the “Absolute Maximum Ratings” may cause permanent damage.
These are stress ratings only. Operation beyond the “Operating Conditions” is not recommended
and extended exposure beyond the “Operating Conditions” may affect device reliability.
Parameter
Maximum Rating
Temperature under Bias Expanded
–25 °C to +85 °C
Storage Temperature
–65 °C to +125 °C
Voltage On Any Pin
–2.0 V to +5.0 V(1)
Output Short Circuit Current
100 mA(2)
NOTICE: This datasheet contains preliminary information on new products in production. The specifications are
subject to change without notice. Verify with your local Intel Sales office that you have the latest datasheet before
finalizing a design
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com