Electronic Components Datasheet Search
  English  ▼

X  

28F128 Datasheet(PDF) 31 Page - Intel Corporation

Part # 28F128
Description  3 Volt Intel StrataFlash Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F128 Datasheet(HTML) 31 Page - Intel Corporation

Back Button 28F128 Datasheet HTML 27Page - Intel Corporation 28F128 Datasheet HTML 28Page - Intel Corporation 28F128 Datasheet HTML 29Page - Intel Corporation 28F128 Datasheet HTML 30Page - Intel Corporation 28F128 Datasheet HTML 31Page - Intel Corporation 28F128 Datasheet HTML 32Page - Intel Corporation 28F128 Datasheet HTML 33Page - Intel Corporation 28F128 Datasheet HTML 34Page - Intel Corporation 28F128 Datasheet HTML 35Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 58 page
background image
28F128J3A, 28F640J3A, 28F320J3A
Preliminary
25
4.11.1
Read Configuration
The device will support both asynchronous page mode and standard word/byte reads. No
configuration is required.
Status register and identifier only support standard word/byte single read operations.
Table 18. Read Configuration Register Definition
4.12
Configuration Command
The Status (STS) pin can be configured to different states using the Configuration command. Once
the STS pin has been configured, it remains in that configuration until another configuration
command is issued or RP# is asserted low. Initially, the STS pin defaults to RY/BY# operation
where RY/BY# low indicates that the state machine is busy. RY/BY# high indicates that the state
machine is ready for a new operation or suspended. Table 19, “Configuration Coding Definitions”
on page 26 displays the possible STS configurations.
To reconfigure the Status (STS) pin to other modes, the Configuration command is given followed
by the desired configuration code. The three alternate configurations are all pulse mode for use as a
system interrupt as described below. For these configurations, bit 0 controls Erase Complete
interrupt pulse, and bit 1 controls Program Complete interrupt pulse. Supplying the 00h
configuration code with the Configuration command resets the STS pin to the default RY/BY#
level mode. The possible configurations and their usage are described in Table 19, “Configuration
Coding Definitions” on page 26. The Configuration command may only be given when the device
is not busy or suspended. Check SR.7 for device status. An invalid configuration code will result in
both status register bits SR.4 and SR.5 being set to “1.” When configured in one of the pulse
modes, the STS pin pulses low with a typical pulse width of 250 ns.
RM
R
R
R
R
R
R
R
16 (A16)
15
14
13
121110
9
RR
RR
R
R
R
R
87
65
4
3
2
1
Notes
RCR.16 = READ MODE (RM)
0 = Standard Word/Byte Reads Enabled (Default)
1 = Page-Mode Reads Enabled
Read mode configuration effects reads from the flash array.
Status register, query, and identifier reads support standard
word/byte read cycles.
RCR.15–1 = RESERVED FOR FUTURE ENHANCEMENTS (R)
These bits are reserved for future use. Set these bits to “0.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com