Electronic Components Datasheet Search
  English  ▼

X  

28F128 Datasheet(PDF) 25 Page - Intel Corporation

Part # 28F128
Description  3 Volt Intel StrataFlash Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F128 Datasheet(HTML) 25 Page - Intel Corporation

Back Button 28F128 Datasheet HTML 21Page - Intel Corporation 28F128 Datasheet HTML 22Page - Intel Corporation 28F128 Datasheet HTML 23Page - Intel Corporation 28F128 Datasheet HTML 24Page - Intel Corporation 28F128 Datasheet HTML 25Page - Intel Corporation 28F128 Datasheet HTML 26Page - Intel Corporation 28F128 Datasheet HTML 27Page - Intel Corporation 28F128 Datasheet HTML 28Page - Intel Corporation 28F128 Datasheet HTML 29Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 58 page
background image
28F128J3A, 28F640J3A, 28F320J3A
Preliminary
19
NOTE:
1. The variable P is a pointer which is defined at CFI offset 15h.
NOTE:
1. The variable P is a pointer which is defined at CFI offset 15h.
4.3
Read Identifier Codes Command
The identifier code operation is initiated by writing the Read Identifier Codes command. Following
the command write, read cycles from addresses shown in Figure 5 on page 10 retrieve the
manufacturer, device and block lock configuration codes (see Table 15 for identifier code values).
Page-mode reads are not supported in this read mode. To terminate the operation, write another
valid command. Like the Read Array command, the Read Identifier Codes command functions
independently of the VPEN voltage. This command is valid only when the WSM is off or the device
is suspended. Following the Read Identifier Codes command, the following information can be
read:
Table 13. Protection Register Information
Offset(1)
P = 31h
Length
Description
(Optional Flash Features and Commands)
Add.
Hex
Code
Value
(P+E)h
1
Number of Protection register fields in JEDEC ID space.
“00h,” indicates that 256 protection bytes are available
3F:
--01
01
(P+F)h
(P+10)h
(P+11)h
(P+12)h
4
Protection Field 1: Protection Description
This field describes user-available One Time Programmable
(OTP) protection register bytes. Some are pre-programmed
with device-unique serial numbers. Others are user-
programmable. Bits 0-15 point to the protection register lock
byte, the section’s first byte. The following bytes are factory
pre-programmed and user-programmable.
bits 0-7 = Lock/bytes JEDEC-plane physical low address
bits 8-15 = Lock/bytes JEDEC-plane physical high address
bits 16-23 = “n” such that 2n = factory pre-programmed bytes
bits 24-31 = “n” such that 2n = user-programmable bytes
40:
--00
00h
Table 14. Burst Read Information
Offset(1)
P = 31h
Length
Description
(Optional Flash Features and Commands)
Add.
Hex
Code
Value
(P+13)h
1
Page Mode Read capability
bits 0–7 = “n” such that 2n HEX value represents the number
of read-page bytes. See offset 28h for device word width to
determine page-mode data output width. 00h indicates no
read page buffer.
44:
--03
8 byte
(P+14)h
1
Number of synchronous mode read configuration fields that
follow. 00h indicates no burst capability.
45:
--00
0
(P+15)h
Reserved for future use
46:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com