Electronic Components Datasheet Search
  English  ▼

X  

28F128 Datasheet(PDF) 57 Page - Intel Corporation

Part # 28F128
Description  3 Volt Intel StrataFlash Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F128 Datasheet(HTML) 57 Page - Intel Corporation

Back Button 28F128 Datasheet HTML 50Page - Intel Corporation 28F128 Datasheet HTML 51Page - Intel Corporation 28F128 Datasheet HTML 52Page - Intel Corporation 28F128 Datasheet HTML 53Page - Intel Corporation 28F128 Datasheet HTML 54Page - Intel Corporation 28F128 Datasheet HTML 55Page - Intel Corporation 28F128 Datasheet HTML 56Page - Intel Corporation 28F128 Datasheet HTML 57Page - Intel Corporation 28F128 Datasheet HTML 58Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 57 / 58 page
background image
28F128J3A, 28F640J3A, 28F320J3A
Preliminary
51
7.0
Ordering Information
NOTE:
1. These speeds are for either the standard asynchronous read access times or for the first access of a page-
mode read sequence.
VALID COMBINATIONS
R C 2 8 F 1 2 8 J 3 A - 1 5
Package
E = 56-Lead TSOP
RC = 64-Ball Easy BGA
Product line designator
for all Intel® Flash
products
Access Speed (ns)1
128 Mbit = 150
64 Mbit = 120
32 Mbit = 110
Product Family
J = Intel® StrataFlashTM memory,
2 bits-per-cell
Device Density
128 = x8/x16 (128 Mbit)
640 = x8/x16 (64 Mbit)
320 = x8/x16 (32 Mbit)
Voltage (V
CC/VPEN)
3 = 3 V/3 V
0
Intel® 0.25 micron
ETOX™ VI Process
Technology
56-Lead TSOP
64-Ball Easy BGA
E28F128J3A-150
RC28F128J3A-150
E28F640J3A-120
RC28F640J3A-120
E28F320J3A-110
RC28F320J3A-110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com