Electronic Components Datasheet Search
  English  ▼

X  

28F128 Datasheet(PDF) 28 Page - Intel Corporation

Part # 28F128
Description  3 Volt Intel StrataFlash Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F128 Datasheet(HTML) 28 Page - Intel Corporation

Back Button 28F128 Datasheet HTML 24Page - Intel Corporation 28F128 Datasheet HTML 25Page - Intel Corporation 28F128 Datasheet HTML 26Page - Intel Corporation 28F128 Datasheet HTML 27Page - Intel Corporation 28F128 Datasheet HTML 28Page - Intel Corporation 28F128 Datasheet HTML 29Page - Intel Corporation 28F128 Datasheet HTML 30Page - Intel Corporation 28F128 Datasheet HTML 31Page - Intel Corporation 28F128 Datasheet HTML 32Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 58 page
background image
28F128J3A, 28F640J3A, 28F320J3A
22
Preliminary
4.5
Clear Status Register Command
Status register bits SR.5, SR.4, SR.3, and SR.1 are set to “1”s by the WSM and can only be reset by
the Clear Status Register command. These bits indicate various failure conditions (see Table 16).
By allowing system software to reset these bits, several operations (such as cumulatively erasing or
locking multiple blocks or writing several bytes in sequence) may be performed. The status register
may be polled to determine if an error occurred during the sequence.
To clear the status register, the Clear Status Register command (50H) is written. It functions
independently of the applied VPEN voltage. The Clear Status Register command is only valid when
the WSM is off or the device is suspended.
4.6
Block Erase Command
Erase is executed one block at a time and initiated by a two-cycle command. A block erase setup is
first written, followed by an block erase confirm. This command sequence requires an appropriate
address within the block to be erased (erase changes all block data to FFH). Block preconditioning,
erase, and verify are handled internally by the WSM (invisible to the system). After the two-cycle
block erase sequence is written, the device automatically outputs status register data when read (see
Figure 10, “Block Erase Flowchart” on page 33). The CPU can detect block erase completion by
analyzing the output of the STS pin or status register bit SR.7. Toggle OE#, CE0, CE1, or CE2 to
update the status register.
When the block erase is complete, status register bit SR.5 should be checked. If a block erase error
is detected, the status register should be cleared before system software attempts corrective actions.
The CUI remains in read status register mode until a new command is issued.
This two-step command sequence of set-up followed by execution ensures that block contents are
not accidentally erased. An invalid Block Erase command sequence will result in both status
register bits SR.4 and SR.5 being set to “1.” Also, reliable block erasure can only occur when VCC
is valid and VPEN = VPENH. If block erase is attempted while VPEN ≤ VPENLK, SR.3 and SR.5 will
be set to “1.” Successful block erase requires that the corresponding block lock-bit be cleared. If
block erase is attempted when the corresponding block lock-bit is set, SR.1 and SR.5 will be set to
“1.”
4.7
Block Erase Suspend Command
The Block Erase Suspend command allows block-erase interruption to read or program data in
another block of memory. Once the block erase process starts, writing the Block Erase Suspend
command requests that the WSM suspend the block erase sequence at a predetermined point in the
algorithm. The device outputs status register data when read after the Block Erase Suspend
command is written. Polling status register bit SR.7 then SR.6 can determine when the block erase
operation has been suspended (both will be set to “1”). In default mode, STS will also transition to
VOH. Specification tWHRH defines the block erase suspend latency.
At this point, a Read Array command can be written to read data from blocks other than that which
is suspended. A program command sequence can also be issued during erase suspend to program
data in other blocks. During a program operation with block erase suspended, status register bit
SR.7 will return to “0” and STS output (in default mode) will transition to VOL. However, SR.6
will remain “1” to indicate block erase suspend status. Using the Program Suspend command, a
program operation can also be suspended. Resuming a suspended programming operation by



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com